Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA-A1211-FREQ Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # SA-A1211-FREQ
Description  TTL Compatible Enable/Disable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SA-A1211-FREQ Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  SA-A1211-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SA-A1211-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
TTL Compatible Enable/Disable
HA-1210 Series
Description
The HA-1210 Series of quartz crystal oscillators provide enable/disable 3-state TTL compatible signals for
bus connected systems. Supplying Pin 1 of the HA-1210 units with a logic “1" enables the output on Pin 5.
In the disabled mode, Pin 5 presents a high impedance to the load. All units are resistance welded in an all
metal package, offering RFI shielding, and are designed to survive standard wave soldering operations
without damage. Insulated standoffs to enhance board cleaning are standard.
Features
• Wide frequency range– 0.5MHz to 36MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 3000g
• All metal, resistance weld, hermetically sealed
package
• Low Jitter
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• Low power consumption
• Gold plated leads - Solder dipped leads available
upon request
• RoHS compliant, Lead Free Construction
(unless solder dipped leads are supplied)
Electrical Connection
Pin
Connection
1
Enable Input
4
Grd & Case
5
Output
8
V
CC
Dimensions are in inches and (MM)
CRYSTAL CLOCK OSCILLATORS
Data Sheet 8820B
Rev. L


Similar Part No. - SA-A1211-FREQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA-A1370 ETC-SA-A1370 Datasheet
389Kb / 2P
   CMOS Compatible Enable/Disable
SA-A1371 ETC-SA-A1371 Datasheet
389Kb / 2P
   CMOS Compatible Enable/Disable
SA-A1377 ETC-SA-A1377 Datasheet
389Kb / 2P
   CMOS Compatible Enable/Disable
SA-A1379 ETC-SA-A1379 Datasheet
389Kb / 2P
   CMOS Compatible Enable/Disable
SA-A137A ETC-SA-A137A Datasheet
389Kb / 2P
   CMOS Compatible Enable/Disable
More results

Similar Description - SA-A1211-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HA-1210 NEL-HA-1210_12 Datasheet
61Kb / 2P
   TTL Compatible Enable/Disable
HS-1200 NEL-HS-1200_10 Datasheet
58Kb / 2P
   TTL Compatible Enable/Disable
HS-A1370 NEL-HS-A1370_10 Datasheet
58Kb / 2P
   CMOS Compatible Enable/Disable
HS-1370 NEL-HS-1370 Datasheet
257Kb / 2P
   CMOS Compatible Enable/Disable
HA-1380 NEL-HA-1380_10 Datasheet
60Kb / 2P
   CMOS Compatible Enable/Disable
HA-A1370 NEL-HA-A1370_10 Datasheet
60Kb / 2P
   CMOS Compatible Enable/Disable
logo
List of Unclassifed Man...
HA-A1370 ETC-HA-A1370 Datasheet
389Kb / 2P
   CMOS Compatible Enable/Disable
logo
Nel Frequency Controls,...
HS-A1370 NEL-HS-A1370 Datasheet
257Kb / 2P
   CMOS Compatible Enable/Disable
HA-1380 NEL-HA-1380 Datasheet
288Kb / 2P
   CMOS Compatible Enable/Disable
HS-1370 NEL-HS-1370_10 Datasheet
58Kb / 2P
   CMOS Compatible Enable/Disable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com