Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

513-FS14 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 513-FS14
Description  Hall Effect Incremental Rotary Shaft Encoders
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

513-FS14 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  513-FS14 Datasheet HTML 1Page - List of Unclassifed Manufacturers 513-FS14 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
23
5
2
3
Series
Shaft Diameter
1=1/4" (0.2497")
2=5/16" (0.3122")
Mounting Type
1=10-32 BH on Base
& Wire Leads
2=Flanged Base &
Wire Leads
3=10-32 BH on Base
& Male Connector
4=Flanged Base &
Male Connector
A
S
06
Channel Outputs
A=NPN w/Pullup Res.
B=NPN Open Collector
D=1.5K Pullup, No Ser. R
F=5Vdc w/Pullup Res.
G=5Vdc Open Collector
H=PNP Sourcing Output
Channel Types
S=Single Channel
Q=Quadrature Outputs
PPR (Pulses per Revolution)
Channel Types “S” and “Q”
01
02
03
04
05
06
07
08
09
10
12
15
18
20
25
30
Added Channel Types “S” (Square Wave)
14
16
24
Ordering Information
Dimensional Drawings


Similar Part No. - 513-FS14

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
513-060-0049J VITESSE-513-060-0049J Datasheet
50Kb / 1P
   SMB RIGHT ANGLE P.C MOUNT
logo
List of Unclassifed Man...
513-14X ETC2-513-14X Datasheet
73Kb / 2P
   LED Replacement for SloanLED
513-205X ETC2-513-205X Datasheet
73Kb / 2P
   LED Replacement for SloanLED
513-28X ETC2-513-28X Datasheet
73Kb / 2P
   LED Replacement for SloanLED
logo
Oscilent Corporation
513-4.0M-315A OSCILENT-513-4.0M-315A Datasheet
141Kb / 2P
   HCMOS / TTL / Clipped Sine
More results

Similar Description - 513-FS14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1321S-AQ030AQ12 ETC1-1321S-AQ030AQ12 Datasheet
138Kb / 2P
   Hall Effect Incremental Rotary Shaft Encoders
2321S-AQ0600-AQ0120 ETC1-2321S-AQ0600-AQ0120 Datasheet
139Kb / 2P
   Medium Duty Incremental Rotary Shaft Encoder
4421S-AQ0600 ETC1-4421S-AQ0600 Datasheet
122Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
4111S-AS4096 ETC1-4111S-AS4096 Datasheet
124Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
N25SA-112-AQ0600-AI ETC1-N25SA-112-AQ0600-AI Datasheet
259Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
N35T-335-KQ1000-KI ETC1-N35T-335-KQ1000-KI Datasheet
219Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
logo
Baumer IVO GmbH & Co. K...
G1I0H IVO-G1I0H Datasheet
566Kb / 4P
   Incremental encoders
GI320 IVO-GI320 Datasheet
323Kb / 2P
   Incremental encoders
GI341 IVO-GI341 Datasheet
576Kb / 4P
   Incremental encoders
X700.I113249 IVO-X700.I113249 Datasheet
415Kb / 2P
   Incremental encoders
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com