Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OE-F8HT28CL Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # OE-F8HT28CL
Description  Precision SC-cut OCXO in 36x27 mm ?쏣uropack?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

OE-F8HT28CL Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  OE-F8HT28CL Datasheet HTML 1Page - Nel Frequency Controls,inc OE-F8HT28CL Datasheet HTML 2Page - Nel Frequency Controls,inc OE-F8HT28CL Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CRYSTAL OSCILLATORS
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
Data Sheet 0635J
Specifications:
Product Data Sheet
Features
• SC-cut crystal
• High Stability (up to ± 5x10
-9
)
• Low Aging (5x10
-10
/day, 5x10
-8
/year)
• Low Phase Noise (-160 dBc/Hz, TYP, floor)
• Sine Wave or HCMOS/TTL output
• 4.8 MHz to 160 MHz Frequencies Available
Applications
• Telecommunication Systems
• Data Communications
• GPS
• Instrumentation
OE-X8HXXXXX
Precision SC-cut OCXO in 36x27 mm “Europack”
OUTPUT
10K
Vref
2
4
DUT
5
Vc
Vcc
1
3
0.70 (17,78 mm)
1.42 (36,1 mm)
1
2
5
0.50 (12,7 mm)
0.25 (6,35 mm)
1.00 (25,40 mm)
3
4
Ø0.030 (0,76 mm) TYP
1.07 (27,20 mm)


Similar Part No. - OE-F8HT28CL

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
OE-38GVC17A NEL-OE-38GVC17A Datasheet
46Kb / 3P
   HF/UHF OCXO Low Power
OE-38GVC17B NEL-OE-38GVC17B Datasheet
46Kb / 3P
   HF/UHF OCXO Low Power
OE-38GVC17C NEL-OE-38GVC17C Datasheet
46Kb / 3P
   HF/UHF OCXO Low Power
OE-38GVC17D NEL-OE-38GVC17D Datasheet
46Kb / 3P
   HF/UHF OCXO Low Power
OE-38GVC17E NEL-OE-38GVC17E Datasheet
46Kb / 3P
   HF/UHF OCXO Low Power
More results

Similar Description - OE-F8HT28CL

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
OD-X8HXXXXX NEL-OD-X8HXXXXX Datasheet
38Kb / 3P
   Precision SC-cut OCXO in 20x20 mm Through Hole Package
OF-X8HXXXXX NEL-OF-X8HXXXXX Datasheet
87Kb / 3P
   Precision SC-cut OCXO in 25x22 mm Low Profile SMD Package
OGX8HXXXXX NEL-OGX8HXXXXX Datasheet
44Kb / 3P
   Precision SC-cut OCXO in 1?쓝1??Through Hole Package
OD-X8JXXXXX NEL-OD-X8JXXXXX Datasheet
38Kb / 3P
   Precision, Low Power Consumption, Fast Warm-up SC-cut OCXO in 20x20 mm Through Hole Package
logo
Vectron International, ...
C4500 VECTRON-C4500 Datasheet
233Kb / 5P
   OCXO Surface Mount Package Optional AT-Cut and SC-Cut Crystal Options
C4710 VECTRON-C4710 Datasheet
121Kb / 4P
   OCXO Low Phase Noise High Stability SC-Cut Crystal Standard
C4700 VECTRON-C4700 Datasheet
84Kb / 4P
   OCXO Ultra-High Stability Excellent Temperature Stability SC-Cut Crystal Crystal
C4700 VECTRON-C4700_08 Datasheet
136Kb / 4P
   OCXO Ultra-High Stability Excellent Temperature Stability SC-Cut Crystal Crystal
C4600 VECTRON-C4600 Datasheet
146Kb / 4P
   OCXO Standard Package Low Aging AT-Cut and SC-Cut Crystal Options Fast Warm-up
C4505 VECTRON-C4505 Datasheet
212Kb / 5P
   OCXO Surface Mount Package Reflow Process Compatible AT-Cut and SC-Cut Crystal Options Compact Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com