Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD-08JS58FL Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # OD-08JS58FL
Description  Precision, Low Power Consumption, Fast Warm-up SC-cut OCXO in 20x20 mm Through Hole Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

OD-08JS58FL Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  OD-08JS58FL Datasheet HTML 1Page - Nel Frequency Controls,inc OD-08JS58FL Datasheet HTML 2Page - Nel Frequency Controls,inc OD-08JS58FL Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CRYSTAL OSCILLATORS
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
Data Sheet 0635H
Specifications:
Features
• SC-cut crystal
• Extremely Low Power Consumption (125 mW)
• Fast Warm-up Time (30 s)
• High Stability (up to ± 1x10
-8
)
• Low Aging (5x10
-10
/day, 5x10
-8
/year)
• Low Phase Noise (-160 dBc/Hz, TYP, floor)
• Sine Wave or HCMOS/TTL output
• 8 MHz to 160 MHz Frequencies Available
Applications
• Telecommunication Systems
• Data Communications
• GPS
• Battery Powered Systems and Equipment
OD-X8JXXXXX
Precision, Low Power Consumption, Fast Warm-up SC-cut
OCXO in 20x20 mm Through Hole Package
OUTPUT
10K
Vref
2
4
DUT
5
Vc
Vcc
1
3
0.600 (15.24 mm)
0.600 (15,24 mm)
3
5
2
1
4
0.42 (10,7 mm)
0.800 SQ. (20,4 mm)
Ø0.018 (0,46 mm)TYP


Similar Part No. - OD-08JS58FL

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
OD-08HS17AL NEL-OD-08HS17AL Datasheet
38Kb / 3P
   Precision SC-cut OCXO in 20x20 mm Through Hole Package
OD-08HS17AP NEL-OD-08HS17AP Datasheet
38Kb / 3P
   Precision SC-cut OCXO in 20x20 mm Through Hole Package
OD-08HS17AS NEL-OD-08HS17AS Datasheet
38Kb / 3P
   Precision SC-cut OCXO in 20x20 mm Through Hole Package
OD-08HS17BL NEL-OD-08HS17BL Datasheet
38Kb / 3P
   Precision SC-cut OCXO in 20x20 mm Through Hole Package
OD-08HS17BP NEL-OD-08HS17BP Datasheet
38Kb / 3P
   Precision SC-cut OCXO in 20x20 mm Through Hole Package
More results

Similar Description - OD-08JS58FL

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
OD-X8HXXXXX NEL-OD-X8HXXXXX Datasheet
38Kb / 3P
   Precision SC-cut OCXO in 20x20 mm Through Hole Package
OGX8HXXXXX NEL-OGX8HXXXXX Datasheet
44Kb / 3P
   Precision SC-cut OCXO in 1?쓝1??Through Hole Package
logo
Vectron International, ...
C4600 VECTRON-C4600 Datasheet
146Kb / 4P
   OCXO Standard Package Low Aging AT-Cut and SC-Cut Crystal Options Fast Warm-up
logo
Nel Frequency Controls,...
OF-X8HXXXXX NEL-OF-X8HXXXXX Datasheet
87Kb / 3P
   Precision SC-cut OCXO in 25x22 mm Low Profile SMD Package
OE-X8HXXXXX NEL-OE-X8HXXXXX Datasheet
40Kb / 3P
   Precision SC-cut OCXO in 36x27 mm ?쏣uropack?
logo
List of Unclassifed Man...
HCD665 ETC-HCD665 Datasheet
69Kb / 1P
   12V OCXO FAST WARM UP
logo
Golledge Electronics Lt...
HCD666 GOLLEDGE-HCD666 Datasheet
65Kb / 1P
   OCXO HCMOS Output - Fast Warm Up
HCD665 GOLLEDGE-HCD665 Datasheet
66Kb / 1P
   OCXO Sine Output - Fast Warm Up
logo
Vectron International, ...
C4400 VECTRON-C4400 Datasheet
239Kb / 5P
   OCXO 4-Pin Dip Surface Mount Package Optional Fast Warm-up
C4500 VECTRON-C4500 Datasheet
233Kb / 5P
   OCXO Surface Mount Package Optional AT-Cut and SC-Cut Crystal Options
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com