Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

523-AS06 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 523-AS06
Description  Hall Effect Incremental Rotary Shaft Encoders
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

523-AS06 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  523-AS06 Datasheet HTML 1Page - List of Unclassifed Manufacturers 523-AS06 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
23
5
2
3
Series
Shaft Diameter
1=1/4" (0.2497")
2=5/16" (0.3122")
Mounting Type
1=10-32 BH on Base
& Wire Leads
2=Flanged Base &
Wire Leads
3=10-32 BH on Base
& Male Connector
4=Flanged Base &
Male Connector
A
S
06
Channel Outputs
A=NPN w/Pullup Res.
B=NPN Open Collector
D=1.5K Pullup, No Ser. R
F=5Vdc w/Pullup Res.
G=5Vdc Open Collector
H=PNP Sourcing Output
Channel Types
S=Single Channel
Q=Quadrature Outputs
PPR (Pulses per Revolution)
Channel Types “S” and “Q”
01
02
03
04
05
06
07
08
09
10
12
15
18
20
25
30
Added Channel Types “S” (Square Wave)
14
16
24
Ordering Information
Dimensional Drawings


Similar Part No. - 523-AS06

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
523-13-108-12-051-001 PREDIP-523-13-108-12-051-001 Datasheet
62Kb / 1P
   Pin grid array sockets / interconnect receptacle and pin / solder tail Receptacle with wire-wrap posts
logo
Everlight Electronics C...
523-2SDRD EVERLIGHT-523-2SDRD Datasheet
101Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523-2SDRD-S530-A3 EVERLIGHT-523-2SDRD-S530-A3 Datasheet
107Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523-2SDRD-S530-A3 EVERLIGHT-523-2SDRD-S530-A3_15 Datasheet
107Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
523-2SDRD/S530-A3 EVERLIGHT-523-2SDRD/S530-A3 Datasheet
101Kb / 6P
   2.0*5.0mm Rectangle Type LED Lamps
More results

Similar Description - 523-AS06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1321S-AQ030AQ12 ETC1-1321S-AQ030AQ12 Datasheet
138Kb / 2P
   Hall Effect Incremental Rotary Shaft Encoders
2321S-AQ0600-AQ0120 ETC1-2321S-AQ0600-AQ0120 Datasheet
139Kb / 2P
   Medium Duty Incremental Rotary Shaft Encoder
4421S-AQ0600 ETC1-4421S-AQ0600 Datasheet
122Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
4111S-AS4096 ETC1-4111S-AS4096 Datasheet
124Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
N25SA-112-AQ0600-AI ETC1-N25SA-112-AQ0600-AI Datasheet
259Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
N35T-335-KQ1000-KI ETC1-N35T-335-KQ1000-KI Datasheet
219Kb / 2P
   Heavy Duty Incremental Rotary Shaft Encoder
logo
Baumer IVO GmbH & Co. K...
G1I0H IVO-G1I0H Datasheet
566Kb / 4P
   Incremental encoders
GI320 IVO-GI320 Datasheet
323Kb / 2P
   Incremental encoders
GI341 IVO-GI341 Datasheet
576Kb / 4P
   Incremental encoders
X700.I113249 IVO-X700.I113249 Datasheet
415Kb / 2P
   Incremental encoders
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com