Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W562S12 Datasheet(PDF) 7 Page - Winbond

Part # W562S12
Description  DUAL-TONE MELODY WITH VOICE SYNTHESIZER (BandDirector Series)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W562S12 Datasheet(HTML) 7 Page - Winbond

  W562S12 Datasheet HTML 1Page - Winbond W562S12 Datasheet HTML 2Page - Winbond W562S12 Datasheet HTML 3Page - Winbond W562S12 Datasheet HTML 4Page - Winbond W562S12 Datasheet HTML 5Page - Winbond W562S12 Datasheet HTML 6Page - Winbond W562S12 Datasheet HTML 7Page - Winbond W562S12 Datasheet HTML 8Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
W562XXX
Publication Release Date: June 3, 2003
- 7 -
Revision A5
6. APPLICATION CIRCUIT
P0.0
P1.0
P1.1
P1.2
P1.3
P2.0
P2.1
P2.2
P2.3
RESET
W562xx
P0.1
P0.2
P0.3
Vcc
P3.1
OSCI
ROSC
DAC
Vcc
8050
Rs
Vcc
8550
IR LED
R1
R2
Cs
* Rosc = 1.2 M
Ω, Rs = 330 - 680 Ω, R2 = 10 Ω, R1 = 220 Ω, Cs = 0.1 µF
It is suggested to add 0.1uF capacitor between VDD and VSS for increasing the stability on Power-On-Rest
condition.


Similar Part No. - W562S12

ManufacturerPart #DatasheetDescription
logo
RDC Semiconductor
W5610 RDC-W5610 Datasheet
99Kb / 4P
   32-BIT RISC MICROCONTROLLER
logo
Winbond
W561M02 WINBOND-W561M02 Datasheet
79Kb / 7P
   4-CH MELODY WITH VOICE SYNTHESIZER
W561S15 WINBOND-W561S15 Datasheet
79Kb / 7P
   4-CH MELODY WITH VOICE SYNTHESIZER
W561S20 WINBOND-W561S20 Datasheet
79Kb / 7P
   4-CH MELODY WITH VOICE SYNTHESIZER
W561S25 WINBOND-W561S25 Datasheet
79Kb / 7P
   4-CH MELODY WITH VOICE SYNTHESIZER
More results

Similar Description - W562S12

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN6A513 SONIX-SN6A513 Datasheet
191Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A514 SONIX-SN6A514 Datasheet
191Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A512B SONIX-SN6A512B Datasheet
360Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN69040 SONIX-SN69040 Datasheet
229Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A509 SONIX-SN6A509 Datasheet
232Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A512 SONIX-SN6A512 Datasheet
233Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A264 SONIX-SN6A264 Datasheet
233Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A510B SONIX-SN6A510B Datasheet
359Kb / 5P
   LCD Controller with Voice/Dual Tone Melody
SN6A297 SONIX-SN6A297 Datasheet
135Kb / 6P
   LCD Controller with Voice/Dual Tone Melody
SN6A060 SONIX-SN6A060 Datasheet
123Kb / 6P
   LCD Controller with Voice/Dual Tone Melody
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com