Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9201K1H3AV2QD22 Datasheet(PDF) 5 Page - ITT Industries

Part # 9201K1H3AV2QD22
Description  Power Toggle Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

9201K1H3AV2QD22 Datasheet(HTML) 5 Page - ITT Industries

  9201K1H3AV2QD22 Datasheet HTML 1Page - ITT Industries 9201K1H3AV2QD22 Datasheet HTML 2Page - ITT Industries 9201K1H3AV2QD22 Datasheet HTML 3Page - ITT Industries 9201K1H3AV2QD22 Datasheet HTML 4Page - ITT Industries 9201K1H3AV2QD22 Datasheet HTML 5Page - ITT Industries 9201K1H3AV2QD22 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
G–52
G
C&K 9000 Series
Power Toggle Switches
TERMINATIONS
CONTACT MATERIAL
SEAL
Actuator Shown in Pos. 1
SECTION A-A
PC MOUNTING
AV2
VERTICAL RIGHT ANGLE, PC THRU-HOLE
9201SH3AV2QE
Vertical Actuation
DPDT
NOTE: Terminal bend radii and lead-in manufacturing option.
Terminal spacing greater than 3mm at all points.
Terminal Nos.
For Reference Only
Not available with 9221 model or Z4 terminations.
Must be ordered with 9221 model and Z4 termination.
9201 Only
6 AMPS @120 V AC OR 28 V DC; 3 AMPS @ 250 V AC.
10 AMPS @125 V AC OR 28 V DC; 5 AMPS @ 250 V AC.
POWER
SILVER OR TIN 2,5
TIN 5
SILVER 1,2
SILVER CADMIUM OXIDE 3,4,6
9201
9221
Q
RATINGS
TERMINAL
PLATING
CONTACT MATERIAL
MODEL
OPTION
CODE
1 END CONTACTS: Coin silver, silver plated.
2 CENTER CONTACTS & ALL TERMINALS: Copper alloy, silver plated.
3 END CONTACTS: Silver cadmium oxide.
4 CENTER CONTACTS: Copper alloy, silver plated.
5 Z4 TERMINALS ONLY: Copper alloy, matte-tin plated.
6 Cadmium in electrical switch contacts is exempt from RoHS.
NOTE: Any models supplied with Q contact material are RoHS compliant. For the latest
information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
All 9000 Series models meet international dimensional and electrical requirements.
9221 model must be ordered with Z4 terminations and D seal option.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
E
EPOXY SEAL
D
NO EPOXY SEAL
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com


Similar Part No. - 9201K1H3AV2QD22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9201 ETC2-9201 Datasheet
2Mb / 4P
   Multi-ranging operation
logo
B&K Precision Corporati...
9201 BK-9201 Datasheet
2Mb / 4P
   Multi-Range Programmable DC Power Supplies
logo
Belden Inc.
9201 BELDEN-9201 Datasheet
159Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Solid BC, 80% BC Braid, PVC Jkt
05-01-2023
logo
Heyco.
9201 HEYCO-9201 Datasheet
93Kb / 1P
   Drive Fasteners
logo
Belden Inc.
9201-0101000 BELDEN-9201-0101000 Datasheet
159Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Solid BC, 80% BC Braid, PVC Jkt
05-01-2023
More results

Similar Description - 9201K1H3AV2QD22

ManufacturerPart #DatasheetDescription
logo
C&K Components
9000 CK-COMPONENTS-9000 Datasheet
357Kb / 5P
   Power Toggle Switches
9000TOGGLE CK-COMPONENTS-9000TOGGLE Datasheet
619Kb / 5P
   Power Toggle Switches
10 jul 18
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
9103A ETC2-9103A Datasheet
67Kb / 1P
   Toggle Switches
7580K6 ETC2-7580K6 Datasheet
1Mb / 35P
   Toggle Switches
logo
Carling Technologies
LT1561-130-012 CARLINGTECH-LT1561-130-012 Datasheet
812Kb / 2P
   Toggle Switches
IK251-73 CARLINGTECH-IK251-73 Datasheet
59Kb / 1P
   Toggle Switches
logo
List of Unclassifed Man...
7695K5 ETC2-7695K5 Datasheet
1Mb / 35P
   Toggle Switches
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com