Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72T51236 Datasheet(PDF) 29 Page - Integrated Device Technology

Part # IDT72T51236
Description  2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T51236 Datasheet(HTML) 29 Page - Integrated Device Technology

Back Button IDT72T51236 Datasheet HTML 25Page - Integrated Device Technology IDT72T51236 Datasheet HTML 26Page - Integrated Device Technology IDT72T51236 Datasheet HTML 27Page - Integrated Device Technology IDT72T51236 Datasheet HTML 28Page - Integrated Device Technology IDT72T51236 Datasheet HTML 29Page - Integrated Device Technology IDT72T51236 Datasheet HTML 30Page - Integrated Device Technology IDT72T51236 Datasheet HTML 31Page - Integrated Device Technology IDT72T51236 Datasheet HTML 32Page - Integrated Device Technology IDT72T51236 Datasheet HTML 33Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
29
IDT72T51236/72T51246/72T51256 2.5V, MULTI-QUEUE FLOW-CONTROL DEVICES
(4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824, 1,179,648 and 2,359,296 bits
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
PAFn BUS EXPANSION - DIRECT MODE
If FM is LOW at Master Reset then the
PAFn bus operates in Direct
(addressed)mode.Indirectmodetheusercanaddressthedevicetheyrequire
to control the
PAFn bus. The address present on the 3 most significant bits of
the WRADD[4:0] address bus with FSTR (
PAF flag strobe), HIGH will be
selected as the device on a rising edge of WCLK. So to address the first device
in a bank of devices the WRADD[4:0] address should be “000xx” the second
device“001xx”andsoon.The3mostsignificantbitsoftheWRADD[4:0]address
buscorrespondtothedeviceIDinputsID[2:0].The
PAFnbuswillchangestatus
toshowthenewdeviceselected1WCLKcycleafterdeviceselection.Note,that
if a read or write operation is occurring to a specific queue, say queue ‘x’ on
the same cycle as a
PAFn bus switch to the device containing queue ‘x’, then
there may be an extra WCLK cycle delay before that queues status is correctly
shown on the respective output of the
PAFn bus. However, the “active” PAF
flag will show correct status at all times.
Devices can be selected on consecutive WCLK cycles, that is the device
controlling the
PAFn bus can change every WCLK cycle. Also, data present
ontheinputbus,Din,canbewrittenintoaqueueonthesameWLCKrisingedge
that a device is being selected on the
PAFnbus,theonlyrestrictionbeingthat
awritequeueselectionand
PAFnbusselectioncannotbemadeonthesamecycle.
PAFn – POLLED BUS
IfFMisHIGHatMasterResetthenthe
PAFnbusoperatesinPolled(Looped)
mode. In polled mode the
PAFnbusautomaticallycyclesthroughthedevices
connected in expansion. In expansion mode one device will be set as the
Master,MASTinputtiedHIGH,allotherdeviceswillhaveMASTtiedLOW.The
master device is the first device to take control of the
PAFn bus and place the
PAFstatusofitsqueuesontothebusonthefirstrisingedgeofWCLKafterthe
MRSinputgoesHIGHonceaMasterResetiscomplete.TheFSYNC(PAFsync
pulse) output of the first device (master device), will be HIGH for one cycle of
WCLK indicating that it is has control of the
PAFn bus for that cycle.
The device also passes a “token” onto the next device in the chain, the next
device assuming control of the
PAFnbusonthenextWCLKcycle.Thistoken
passing is done via the FXO outputs and FXI inputs of the devices (“
PAFn
Expansion Out” and “
PAFnExpansionIn”).TheFXOoutputofthefirstdevice
connecting to the FXI input of the second device in the chain, the FXO of the
second device connects to the FXI of the third device and so on. The FXO of
thefinaldeviceinachainconnectstotheFXIofthefirstdevice,sothatoncethe
PAFn bus has cycled through all devices control is again passed to the first
device.TheFXOoutputofadevicewillbeHIGHfortheWCLKcycleithascontrol
of the bus.
Please refer to Figure 30,
PAFn Bus – Polled Mode for timing information.
PAEn/PRn FLAG BUS OPERATION
The IDT72T51236/72T51246/72T51256 multi-queue flow-control devices
canbeconfiguredforupto4queues,eachqueuehavingitsownalmostempty/
packetreadystatus.Anactivequeuehasitsflagstatusoutputtothediscreteflags,
OV, PAE and PR, on the read port. Queues that are not selected for a read
operationcanhavetheir
PAE/PRstatusmonitoredviathePAEn/PRnbus.The
PAEn/PRnflagbusis4bitswide,sothatall4queuescanhavetheirstatusoutput
to the bus. The multi-queue device can provide either “Almost Empty” status or
“PacketReady”statusviathe
PAEn/PRnbusofitsqueues,dependingonwhich
has been selected via the PKT (Packet) input during a master reset. If PKT is
HIGHthenpacketmodeisselectedandthe
PAEn/PRnbuswillprovide“Packet
Ready” status. If it is LOW then the
PAEn/PRnbuswillprovide“AlmostEmpty”
status. In either case the operation of the bus is the same the difference being
that the bus is providing “Packet Ready” status versus “Almost Empty” status.
Whenasinglemulti-queuedeviceisusedanywherefrom1to4queuesmay
be set-up within the part, each queue having its own dedicated
PAEn/PRnflag
output on the
PAEn/PRn bus. Queues 1 through 4 have their PAE/PRstatus
to
PAE[0]throughPAE[3]respectively.Iflessthan4queuesareusedthenonly
theassociated
PAEn/PRnoutputswillberequired,unusedPAEn/PRn outputs
will be don’t care outputs. When devices are connected in expansion mode the
PAEn/PRn flag bus can also be expanded beyond 4 bits to produce a wider
PAEn/PRnbusthatencompassesallqueues.
Alternatively, the 4 bit
PAEn/PRn flagbusofeachdevicecanbeconnected
together to form a single 4 bit bus, i.e.
PAE[0]ofdevice1willconnecttoPAE[0]
ofdevice2etc.Whenconnectingdevicesinthismannerthe
PAEn/PRnbuscan
onlybedrivenbyasingledeviceatanytime,(the
PAEn/PRn outputsofallother
devicesmustbeinhighimpedancestate).Therearetwomethodsbywhichthe
user can select which device has control of the bus, these are “Direct”
(Addressed) mode or “Polled” (Looped) mode, determined by the state of the
FM (flag Mode) input during a Master Reset.
PAEn/PRn - DIRECT BUS
If FM is LOW at Master Reset then the
PAEn/PRn bus operates in Direct
(addressed)mode.Indirectmodetheusercanaddressthedevicetheyrequire
tocontrolthe
PAEn/PRnbus.Theaddresspresentonthe3mostsignificantbits
of the RDADD[4:0] address bus with ESTR (
PAE/PR flag strobe), HIGH will
beselectedasthedeviceonarisingedgeofRCLK.Sotoaddressthefirstdevice
in a bank of devices the RDADD[4:0] address should be “000xx” the second
device“001xx”andsoon.The3mostsignificantbitsoftheRDADD[5:0]address
bus correspond to the device ID inputs ID[2:0]. The
PAEn/PRnbuswillchange
status to show the new device selected 1 RCLK cycle after device selection.
Note,thatifareadorwriteoperationisoccurringtoaspecificqueue,sayqueue
‘x’onthesamecycleasa
PAEn/PRnbusswitchtothedevicecontainingqueue
‘x’, then there may be an extra RCLK cycle delay before that queues status is
correctly shown on the respective output of the
PAEn/PRnbus.However,the
“active”
PAE and/or PRflag will show correct status at all times.
Devices can be selected on consecutive RCLK cycles, that is the device
controlling the
PAEn/PRn bus can change every RCLK cycle. Also, data can
be read out of a queue on the same RCLK rising edge that a device is being
selected on the
PAEn/PRn bus, the only restriction being that a read queue
selection and
PAEn/PRn bus selection cannot be made on the same cycle.
PAEn/PRn- POLLED BUS
If FM is HIGH at Master Reset then the
PAEn/PRn bus operates in Polled
(Looped)mode.Inpolledmodethe
PAEn/PRnbusautomaticallycyclesthrough
the devices connected in expansion. In expansion mode one device will be set
astheMaster,MASTinputtiedHIGH,allotherdeviceswillhaveMASTtiedLOW.
The master device is the first device to take control of the
PAEn/PRn bus and
placethe
PAE/PRstatusofitsqueuesontothebusonthefirstrisingedgeofRCLK
after the
MRSinputgoesHIGHonceaMasterResetiscomplete.TheESYNC
(
PAE/PRsyncpulse)outputofthefirstdevice(masterdevice),willbeHIGHfor
one cycle of RCLK indicating that it is has control of the
PAEn/PRnbusforthat
cycle.
The device also passes a “token” onto the next device in the chain, the next
device assuming control of the
PAEn/PRn bus on the next RCLK cycle. This
tokenpassingisdoneviatheEXOoutputsandEXIinputsofthedevices(“
PAEn/
PRn Expansion Out” and “PAEn/PRn Expansion In”). The EXO output of the
firstdeviceconnectingtotheEXIinputoftheseconddeviceinthechain,theEXO
oftheseconddeviceconnectstotheEXIofthethirddeviceandsoon.TheEXO
of the final device in a chain connects to the EXI of the first device, so that once
the
PAEn/PRn bus has cycled through all devices control is again passed to
the first device. The EXO output of a device will be HIGH for the RCLK cycle
it has control of the bus.
Please refer to Figure 31,
PAEn/PRn Bus – Polled Mode for timing
information.


Similar Part No. - IDT72T51236

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T51233 IDT-IDT72T51233 Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L5BB IDT-IDT72T51233L5BB Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L5BBI IDT-IDT72T51233L5BBI Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L6BB IDT-IDT72T51233L6BB Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51233L6BBI IDT-IDT72T51233L6BBI Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
More results

Similar Description - IDT72T51236

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T51333 IDT-IDT72T51333 Datasheet
524Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T51233 IDT-IDT72T51233 Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51546 IDT-IDT72T51546 Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
logo
Renesas Technology Corp
IDT72V51236 RENESAS-IDT72V51236 Datasheet
650Kb / 57P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
logo
Integrated Device Techn...
IDT72T51543 IDT-IDT72T51543 Datasheet
539Kb / 57P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 18 BIT WIDE CONFIGURATION
logo
Renesas Technology Corp
IDT72V51436 RENESAS-IDT72V51436 Datasheet
673Kb / 58P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
IDT72V51233 RENESAS-IDT72V51233 Datasheet
662Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V51233 IDT-IDT72V51233 Datasheet
464Kb / 50P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
logo
Renesas Technology Corp
IDT72V51433 RENESAS-IDT72V51433 Datasheet
594Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 18 BIT WIDE CONFIGURATION
JUNE 2003
logo
Integrated Device Techn...
IDT72T6360 IDT-IDT72T6360 Datasheet
483Kb / 51P
   2.5V SEQUENTIAL FLOW-CONTROL DEVICE 36 BIT WIDE CONFIGURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com