Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5532B Datasheet(PDF) 3 Page - Analog Devices

Part No. AD5532B
Description  32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD5532B Datasheet(HTML) 3 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. A
–3–
AD5532B
AD5532B-1
Parameter
1
B Version
2
Unit
Conditions/Comments
DIGITAL INPUTS
7
Input Current
±10
µA max
±5 µA typ
Input Low Voltage
0.8
V max
DVCC = 5 V
± 5%
0.4
V max
DVCC = 3 V
± 10%
Input High Voltage
2.4
V min
DVCC = 5 V
± 5%
2.0
V min
DVCC = 3 V
± 10%
Input Hysteresis (SCLK and
CS Only)
200
mV typ
Input Capacitance
10
pF max
DIGITAL OUTPUTS (
BUSY, D
OUT)
7
Output Low Voltage, DVCC = 5 V
0.4
V max
Sinking 200
µA
Output High Voltage, DVCC = 5 V
4.0
V min
Sourcing 200
µA
Output Low Voltage, DVCC = 3 V
0.4
V max
Sinking 200
µA
Output High Voltage, DVCC = 3 V
2.4
V min
Sourcing 200
µA
High Impedance Leakage Current
±1
µA max
DOUT Only
High Impedance Output Capacitance
15
pF typ
DOUT Only
POWER REQUIREMENTS
Power Supply Voltages
VDD
8/16.5
V min/max
VSS
–4.75/–16.5
V min/max
AVCC
4.75/5.25
V min/max
DVCC
2.7/5.25
V min/max
Power Supply Currents
8
IDD
15
mA max
10 mA typ. All channels full-scale.
ISS
15
mA max
10 mA typ. All channels full-scale.
AICC
33
mA max
26 mA typ
DICC
1.5
mA max
1 mA typ
Power Dissipation
8
280
mW typ
VDD = +10 V, VSS = –5 V
NOTES
1See Terminology section.
2B Version: Industrial temperature range –40
°C to +85°C; typical at +25°C.
3Input range 100 mV to 2.96 V.
4Guaranteed by design and characterization, not production tested.
5AD780 as reference for the AD5532B.
6Ensure that you do not exceed T
J (max). See Absolute Maximum Ratings section.
7Guaranteed by design and characterization, not production tested.
8 Output unloaded.
Specifications subject to change without notice.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn