Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCM05-5761R601 Datasheet(PDF) 1 Page - ITT Industries

Part # CCM05-5761R601
Description  SD, MMC & miniSD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CCM05-5761R601 Datasheet(HTML) 1 Page - ITT Industries

  CCM05-5761R601 Datasheet HTML 1Page - ITT Industries CCM05-5761R601 Datasheet HTML 2Page - ITT Industries CCM05-5761R601 Datasheet HTML 3Page - ITT Industries CCM05-5761R601 Datasheet HTML 4Page - ITT Industries CCM05-5761R601 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions are shown in mm
Specifications and dimensions subject to change
www.ittcannon.com
Contacts
Phosphor bronze
Contact finish (towards the card)
Gold over nickel
Write protect contact
Copper alloy / nickel overall finish
Card detect contact
Copper alloy / nickel overall finish
Contact finish (towards the PCB)
Gold over nickel
Metal cover
Copper alloy / nickel plated overall
Cover ground tails
Gold plated over nickel
Molding
High temp. Thermoplastic, UL 94V-0
Number of contacts
7 (MMC), 9 (SD),10 (miniSD)
Operating life standard & reverse type
≥ 10,000 cycles
Operating life push-push type
≥ 5,000 cycles
Contact force (signal contact)
0.20 N min.
Card insertion force
40 N max.
Card withdrawal force
2 N min.
Vibration
According to IEC 512 part 4, test 6d.
10 to 500 Hz / 50m/s2 / 3 axis / 2 hours per axis
No discontinuity > 1 µs
Mechanical shock
Peak value 500 m/s2 11ms. 3 shock in each
direction of each axis. No electrical
discontinuity 1 µs.
Voltage / ct
≤ 5 Vdc
Current / ct
≤ 500 mA
Contact resistance
≤ 100 milliohms
Voltage proof
≥ 500 Vrms
Insulation resistance
1000 M
Ω min.
Operating temperature
-25°C / +85°C
Storage temperature
-40°C / +85°C
Soldering temperature
230°C / 5 sec according to
MIL-STD-202F, method 208
Moisture resistance
40°C / 93% HR / 96 hours. According to
MIL-STD-202F, method 103B,
test condition B
Corrosion
48 hours according to IEC 512 test 11f
CCM05-5502 R901
MMC card 2 pegs short cover
CCM05-5761 R601
SD card & MMC stand off
CCM05-5770 T48
SD card & MMC 2 pegs with chamfer
CCM05-5772 T45
SD card & MMC 2 pegs push-push
CCM05-5773 T50
miniSD card
CCM05-5775 T48
SD card & MMC 2 pegs
CCM05-5776 T50
miniSD card push-push
CCM05-5777 T50
SD card & MMC 2 pegs short cover
CCM05-5778 T45
SD card 2 pegs reverse
Please look at part number designation to determine packaging:
T = Tray R = tape on reel - please contact Customer Service for quantity.
CCM05 SD, MMC & miniSD
For one of the most common card
formats, we offer various reading
options in a small and sturdy packag-
ing. This includes the smaller standard
of the miniSD, designed for the mobile
communication needs.
Features
• Accept both MMC and SD card
(except 5502)
• Standard and reverse reading
• Long or short cover
• Smooth push push mechanism
• Card detect and write protect
switches
• Front metal tab for better PCB
tear-off resistance
• Front cover retention for temper
resistant card entrance
• Low profile push push connectors
(2.65 mm for SD, 2.10 mm for
miniSD)
Physical Data
Mechanical Data
Contact Electrical Data
Environmental Data
Packaging
Ordering Code


Similar Part No. - CCM05-5761R601

ManufacturerPart #DatasheetDescription
logo
C&K Components
CCM05-5761R601 CK-COMPONENTS-CCM05-5761R601 Datasheet
441Kb / 5P
   Accept both MMC and SD card
2004
More results

Similar Description - CCM05-5761R601

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
I5141-TG TMT-I5141-TG Datasheet
789Kb / 20P
   SD/MMC Memory Card Controller
logo
GENESYS LOGIC
GL424 GENESYS-GL424 Datasheet
500Kb / 34P
   SD/MMC Flash Card Controller
logo
IOGEAR
GFR204SD IOGEAR-GFR204SD Datasheet
145Kb / 3P
   SD/MicroSD/MMC Card Reader/Writer
logo
Actel Corporation
EP560 ACTEL-EP560 Datasheet
139Kb / 4P
   EP560 SD/SDIO/MMC Slave Controller
logo
Winbond
W86L488 WINBOND-W86L488 Datasheet
1Mb / 45P
   SD/ SDIO/ MMC MEMORY CARD BRIDGE
logo
C&K Components
CCM05SD CK-COMPONENTS-CCM05SD Datasheet
441Kb / 5P
   Accept both MMC and SD card
2004
logo
Texas Instruments
SN74AVCA406E TI-SN74AVCA406E_08 Datasheet
531Kb / 20P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
logo
Fairchild Semiconductor
FSSD06 FAIRCHILD-FSSD06 Datasheet
184Kb / 2P
   SD/SDIO and MMC Two-Port Multiplexer
logo
Prolific Technology Inc...
MA8121K PROLIFIC-MA8121K Datasheet
201Kb / 2P
   USB 2.0 SD/MMC Card Reader Controller
logo
Texas Instruments
SN74AVCA406E TI-SN74AVCA406E Datasheet
576Kb / 22P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com