Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1523 Datasheet(PDF) 16 Page - Texas Instruments

Part # NCP1523
Description  6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

NCP1523 Datasheet(HTML) 16 Page - Texas Instruments

Back Button NCP1523 Datasheet HTML 12Page - Texas Instruments NCP1523 Datasheet HTML 13Page - Texas Instruments NCP1523 Datasheet HTML 14Page - Texas Instruments NCP1523 Datasheet HTML 15Page - Texas Instruments NCP1523 Datasheet HTML 16Page - Texas Instruments NCP1523 Datasheet HTML 17Page - Texas Instruments NCP1523 Datasheet HTML 18Page - Texas Instruments NCP1523 Datasheet HTML 19Page - Texas Instruments NCP1523 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
www.ti.com
PTH04T230W, PTH04T231W
SLTS271A – SEPTEMBER 2006 – REVISED OCTOBER 2006
Table 3. Input/Output Capacitors (continued)
Capacitor Characteristics
Quantity
Max
Output Bus (2)
Max
Ripple
Capacitor Vendor,
Working
ESR
Turbo-
Value
Current
Physical
Input
Type Series (Style)
No
Voltage
at 100
Vendor Part No.
Trans
(
µF)
at 85
°C
Size (mm)
Bus
Turbo-
(V)
kHz
Capacitor
(Irms)
Trans
(m
Ω)
Type(3)
(mA)
Sanyo
TPE, POSCAP (SMD)
10
330
25
3300
7,3
×4,3
1
1
≤3
C
≥ 1(8)
10TPE330MF
TPE, POSCAP (SMD)
2.5
470
7
4400
7,3
×4,3
N/R(9)
≤1
B
≥ 2(8)
2R5TPE470M7(VO≤ 1.8V)(10)
TPD, POSCAP (SMD)
2.5
1000
5
6100
7,3
×4,3
N/R(9)
N/R(11)
B
≥ 1(8)
2R5TPD1000M5(VO≤ 1.8V)(10)
SEP, OS-CON (Radial)
6.3
470
15
4210
10
× 12
1
1
≤ 2
C
≥ 1(8)
6SEP470M
SVPA, OS-CON (Radial)
6.3
470
19
4130
10
× 7,9
1
1
≤2
C
≥ 2(8)
6SVPA470M
SVP, OS-CON (SMD)
10
330
25
3700
10
× 7,9
1
1
≤3
C
≥ 1(8)
10SVP330MX
AVX, Tantalum
TPM Multianode
10
330
23
3000
7,3
×4,3×4,1
1
1
≤ 3
C
≥ 2(8)
TPME337M010R0035
TPS Series III (SMD)
10
330
40
1830
7,3
×4,3×4,1
1
1
≤ 6
N/R(12)
TPSE337M010R0040
TPS Series III (SMD)
4
1000
25
2400
7,3
×6,1×3.5
N/R(9)
1
≤ 5
N/R(12)
TPSV108K004R0035 (VO≤ 2.1V)(13)
Kemet, Poly-Tantalum
T520 (SMD)
10
330
25
2600
7,3
×4,3×4,1
1
1
≤ 3
C
≥ 2(8)
T520X337M010ASE025
T530 (SMD)
6.3
330
15
3800
7,3
×4,3×4,1
1
1
≤2
B
≥ 2(8)
T530X337M010ASE015(10)
T530 (SMD)
4
680
5
7300
7,3
×4,3×4,1
N/R(9)
N/R(11)
B
≥ 1(8)
T530X687M004ASE005 (VO≤ 3.2V)(10)
T530 (SMD)
2.5
1000
5
7300
7,3
×4,3×4,1
N/R(9)
N/R(11)
B
≥ 1(8)
T530X108M2R5ASE005 (VO≤ 2.0V)(10)
Vishay-Sprague
597D, Tantalum (SMD)
10
330
35
2500
7,3
×5,7×4,1
1
1
≤ 5
N/R(12)
597D337X010E2T
94SP, OS-CON (Radial)
6.3
390
16
3810
8 X 10,5
1
1
≤2
C
≥ 2(8)
94SP397X06R3EBP
94SVP OS-CON(SMD)
6.3
470
17
3960
8
× 12
1
1
≤2
C
≥ 1(8)
94SVP477X06F12
Kemet, Ceramic X5R
6.3
100
2
3225
1
1(14)
A(8)
C1210C107M9PAC
(SMD)
6.3
47
2
1
≥2 (14)
A(8)
C1210C476K9PAC
Murata, Ceramic X5R
6.3
100
2
3225
1
≥ 1(14)
A(8)
GRM32ER60J107M
(SMD)
6.3
47
1
≥2 (14)
A(8)
GRM32ER60J476ME20L
16
22
1
≥ 5(14)
A(8)
GRM32ER61CE226KE20L
16
10
1
≥ 1(14)
A(8)
GRM32DR61C106K
TDK, Ceramic X5R
6.3
100
2
3225
1
≥ 1(14)
A(8)
C3225X5R0J107MT
(SMD)
6.3
47
1
≥ 1(14)
A(8)
C3225X5R0J476MT
16
10
1
≥ 1(14)
A(8)
C3225X5R1C106MT0
16
22
1
≥ 1(14)
A(8)
C3225X5R1C226MT
(8)
Required capacitors with TurboTrans. See the TurboTrans Application information for Capacitor Selection
Capacitor Types:
Type A = (100 < capacitance
× ESR ≤ 1000)
Type B = (1,000 < capacitance
× ESR ≤ 5,000)
Type C = (5,000 < capacitance
× ESR ≤ 10,000)
(9)
N/R – Not recommended. The voltage rating does not meet the minimum operating limits.
(10) The voltage rating of this capacitor only allows it to be used for output voltage that is equal to or less than 80% of the working voltage.
(11) N/R – Not recommended. The ESR value of this capacitor is below the required minimum when not using TurboTrans.
(12) Aluminum Electrolytic capacitor not recommended for the TurboTrans due to higher ESR
× capacitance products. Aluminum and higher
ESR capacitors can be used in conjunction with lower ESR capacitance.
(13) The voltage rating of this capacitor only allows it to be used for output voltage that is equal to or less than 50% of the working voltage.
(14) Any combination of ceramic capacitor values is limited as listed in the Electrical Characteristics table.
16
Submit Documentation Feedback


Similar Part No. - NCP1523

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1523 ONSEMI-NCP1523 Datasheet
302Kb / 14P
   3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Stepdown Converter
August, 2006 ??Rev. 0
NCP1523 ONSEMI-NCP1523 Datasheet
261Kb / 16P
   3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Step?뭗own Converter
February, 2007 ??Rev. 2
NCP1523 ONSEMI-NCP1523 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1523B ONSEMI-NCP1523B Datasheet
261Kb / 16P
   3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Step?뭗own Converter
February, 2007 ??Rev. 2
NCP1523BFCT2G ONSEMI-NCP1523BFCT2G Datasheet
261Kb / 16P
   3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Step?뭗own Converter
February, 2007 ??Rev. 2
More results

Similar Description - NCP1523

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH04T230W TI-PTH04T230W Datasheet
1Mb / 35P
[Old version datasheet]   6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH04T230W TI-PTH04T230W_15 Datasheet
1Mb / 36P
[Old version datasheet]   6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED,WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH04T241WAD TI-PTH04T241WAD Datasheet
970Kb / 38P
[Old version datasheet]   10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH04T221W TI-PTH04T221W_15 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH04T260W TI-PTH04T260W Datasheet
1Mb / 35P
[Old version datasheet]   3-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH04T220W TI-PTH04T220W_15 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH04T240W TI-PTH04T240W Datasheet
949Kb / 36P
[Old version datasheet]   10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH04T220W TI-PTH04T220W Datasheet
1Mb / 39P
[Old version datasheet]   16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PTH08T230W TI-PTH08T230W Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T230W TI-PTH08T230W_07 Datasheet
1Mb / 36P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com