Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BPA02B Datasheet(PDF) 1 Page - ITT Industries

Part No. BPA02B
Description  Side Actuated DIP Switches
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ITT [ITT Industries]
Homepage  http://www.ittcannon.com
Logo ITT - ITT Industries

BPA02B Datasheet(HTML) 1 Page - ITT Industries

  BPA02B Datasheet HTML 1Page - ITT Industries BPA02B Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-14
I
How To Order
Complete part numbers for BPA Series are shown on pages I–14 thru I–15. All switches supplied in “OFF” position.
Specifications
SWITCH FUNCTION: 2 thru 10 position available
(except 3 position).
CONTACT RATING: 100 mA max. @ 5 V DC or 25 mA max.
@ 24 V DC.
MECHANICAL AND ELECTRICAL LIFE: 1,000 cycles min.
@ 5 V DC 10mA.
CONTACT RESISTANCE: 50 milliohms initial max.
INSULATION RESISTANCE: 100 V DC 100 megohms min.
DIELECTRIC WITHSTAND VOLTAGE: 300 V AC for 1 minute.
STORAGE TEMPERATURE: -40°C to 85°C.
OPERATING TEMPERATURE: -20°C to 85°C.
OPERATING FORCE: 800 grams max.
SOLDERABILITY: Flow solderable and washable
(soldering: 235°C ± 5°C for 5 sec.)
PACKAGING: Switches supplied in rigid dispensing tubes in full-
tube quantities only, this may affect order quantity. Numbers
of switches per tube varies with model. Tape and reel
packaging available for SMT options.
Materials
HOUSING: PBT (thru-hole) color: Black. PPA (SMT) color: Red
RoHS, Version (thru-hole and SMT) PPS, color black
(UL94V-0).
COVER: PBT (thru-hole) color: Red. PPA (SMT) color: Red
RoHS, Version (thru-hole and SMT) PPS, color black
(UL94V-0).
ACTUATOR: PBT (thru-hole): PA-6T (SMT) (UL94V-0).
CONTACTS: Beryllium copper with gold plate.
TERMINALS: Brass/Tin-lead plated. RoHS, Version brass, gold
plate over nickel plate.
NOTE: For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
Note: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
C&K BPA Series
Side Actuated DIP Switches
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
ON
ø.032 TYP.
(0,8)
.100
(2,54)
.300
(7,6)
DIM 'A'
.024
(0,61)
.346
(8,79)
.083
(2,1)
.010 TYP.
(0,25)
.295/.343
(7,6/8,7)
25
.266
(6,76)
MAX.
.128
(3,25)
TYP.
.063
(1,6)
.039
(1,0)
.069
(1,75)
REF
.055
(1,40)
.100
(2,54)
TYP.
.022
(0,56)
Features/Benefits
Side actuated contacts
Available in thru-hole or
SMT models
High pressure contact system
does not require tape seal
RoHS compliant - options available
Side Actuator – Thru-hole Terminals
BPA08K
NOTE: Reverse throw available, contact ITT for P/N and quote.
Typical Applications
Address switch for industrial controls
Logic switching for computers and
peripherals
Function controlling for numerous
applications
ROHS
TIN LEAD
NO.
QUANTITY
PART NUMBER
PART NUMBER
POS.
DIM. ‘A’
PER TUBE
BPA02B
BPA02K
2
.276 (7,0)
60
BPA03B
3
.376 (9,6)
45
BPA04B
BPA04K
4
.476 (12,1)
35
BPA05B
BPA05K
5
.575 (14,6)
30
BPA06B
BPA06K
6
.677 (17,2)
25
BPA07B
BPA07K
7
.776 (19,7)
20
BPA08B
BPA08K
8
.878 (22,3)
20
BPA09B
BPA09K
9
.976 (24,8)
15
BPA10B
BPA10K
10
1.075 (27,3)
15
Schematic
SPST


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BP12Side Actuated DIP Switcehs 1 2 List of Unclassifed Manufacturers
KSMSide Actuated Detect Switches 1 2 ITT Industries
206Multifunctional through hole DIP switches 1 2 3 4 CTS Corporation
KMSMicrominiature Side Actuated Tact Switch for SMT 1 2 3 ITT Industries
NMC95C121024-bit CMOS EEPROM with DIP Switches 1 2 3 4 5 MoreNational Semiconductor (TI)
KSSSubminiature Side Actuated Tact Switch for SMT 1 2 3 ITT Industries
76RSB04SThru-Hole DIP Switches 1 List of Unclassifed Manufacturers
AZ830POLARIZED DIP RELAY SINGLE SIDE STABLE 1 2 ZETTLER Electronics
AZ832POLARIZED DIP RELAY SINGLE SIDE STABLE 1 2 List of Unclassifed Manufacturers
A6RLow-cost Rotary DIP Switches 1 2 3 4 Omron Electronics LLC

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn