Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRMCT3UF1AH Datasheet(PDF) 5 Page - International Rectifier

Part # IRMCT3UF1AH
Description  Complete Integrated High Performance Sensorless Speed Control in a Compact, Ruggedized Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCT3UF1AH Datasheet(HTML) 5 Page - International Rectifier

  IRMCT3UF1AH Datasheet HTML 1Page - International Rectifier IRMCT3UF1AH Datasheet HTML 2Page - International Rectifier IRMCT3UF1AH Datasheet HTML 3Page - International Rectifier IRMCT3UF1AH Datasheet HTML 4Page - International Rectifier IRMCT3UF1AH Datasheet HTML 5Page - International Rectifier IRMCT3UF1AH Datasheet HTML 6Page - International Rectifier IRMCT3UF1AH Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.irf.com
5
IRMCT3UF1
RX, TX (Pins 27 & 28) - RS-232 interface pins for
programming the controller. The interface operates
at 57.6kBaud.
SPD_CMD (Pin 29) - Speed command for the
motor controller. For the IRMCT3UF1, there are two
operating ranges for the speed command input: 0-
2.5V and 2.5-5V. In each case, 2.5V is zero speed
and the other extreme (0V or 5V) is maximum
speed. An external 2.5V reference is provided to
help configure a particular speed command
interface.
GRN, RED (Pins 30 & 31) - Outputs for driving
Green and Red LEDs. These outputs are provided
as a visual interface to determine the status of the
drive. The Green LED output indicates a clear
condition and the Red LED indicates that a Fault
has occurred. Each output is referenced to +3.3V
and is capable of driving a maximum current of
30mA. Also, each output has an internal series
resistance of 100
Ω.
FLT_CLR, FAULT (Pins 32 & 33) - Fault indication
and Fault Clear function. Use these pins to monitor
the Fault status of the controller. When there is no
fault (clear condition), the fault pin is low. It goes to
3.3V upon the occurrence of a Fault. The controller
can be reset by pulsing the Fault Clear pin high for
a minimum of 1µs. This is a Schmitt input and is
5.5V tolerant.
START/STOP (Pin 34) - Start and Stop command for
the controller. The drive will start on the rising edge
of the command and will stop on the falling edge.
This is a Schmitt input and is 5.5V tolerant.
Input / Output Characteristics
the circuit including logic and the iMotion digital
controller. The +5.0V supply should be rated at
100mA and +3.3V supply at 200mA.
I/O
Pin Description
Parameter
Min.
Typ.
Max.
Units
Reference Voltage
2.475
2.5
2.525
V
Drive Current
1.0
-
30
mA
Internal Series Resistance
-
100
-
No FAULT
-
-
0.2
FAULT
3.3
-
-
Clear Pulse
1.0
-
-
µs
Clear Pulse Amplitude
-
-
5.5
0-
2.5
-
Max Speed 1
-0
-
Max Speed 2
-5.0
-
Voltage
14.25
15
15.75
Load Current
-100
-
mA
Voltage
4.75
5.0
5.25
V
Load Current
-100
-
mA
Voltage
3.135
3.3
3.465
V
Load Current
-
200
-
mA
Pin 29
Pin 7
V
V
Pin 24
Pin 26
RED, GREEN
FAULT
SPEED COMMAND
+15V
+5.0V
3.3V
Pins 30, 31
Pins 32, 33


Similar Part No. - IRMCT3UF1AH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCF143 IRF-IRMCF143 Datasheet
539Kb / 35P
   High Performance Position Servo Control IC
IRMCF143 IRF-IRMCF143 Datasheet
776Kb / 35P
   High Performance Position Servo Control IC
IRMCF143TR IRF-IRMCF143TR Datasheet
539Kb / 35P
   High Performance Position Servo Control IC
IRMCF143TY IRF-IRMCF143TY Datasheet
539Kb / 35P
   High Performance Position Servo Control IC
IRMCF143 IRF-IRMCF143_15 Datasheet
776Kb / 35P
   High Performance Position Servo Control IC
More results

Similar Description - IRMCT3UF1AH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK099M IRF-IRMCK099M_15 Datasheet
737Kb / 29P
   High Performance Sensorless Motor Control IC
IRMCF171 IRF-IRMCF171_15 Datasheet
447Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCK172M IRF-IRMCK172M_15 Datasheet
623Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188 Datasheet
916Kb / 38P
   High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188_15 Datasheet
595Kb / 38P
   High Performance Sensorless Motor Control IC
IRMCK171 IRF-IRMCK171_15 Datasheet
561Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCF183 IRF-IRMCF183_15 Datasheet
812Kb / 31P
   High Performance Sensorless Motor Control IC
IRMCK182M IRF-IRMCK182M_15 Datasheet
517Kb / 33P
   High Performance Sensorless Motor Control IC
IRMCK171 IRF-IRMCK171 Datasheet
462Kb / 34P
   High Performance Sensorless Motor Control IC
IRMCK203 IRF-IRMCK203 Datasheet
400Kb / 57P
   High Performance Sensorless Motion Control IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com