Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6264 Datasheet(PDF) 22 Page - Intersil Corporation

Part # ISL6264
Description  Two-Phase Core Controller for AMD Mobile Turion CPUs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6264 Datasheet(HTML) 22 Page - Intersil Corporation

Back Button ISL6264 Datasheet HTML 16Page - Intersil Corporation ISL6264 Datasheet HTML 17Page - Intersil Corporation ISL6264 Datasheet HTML 18Page - Intersil Corporation ISL6264 Datasheet HTML 19Page - Intersil Corporation ISL6264 Datasheet HTML 20Page - Intersil Corporation ISL6264 Datasheet HTML 21Page - Intersil Corporation ISL6264 Datasheet HTML 22Page - Intersil Corporation ISL6264 Datasheet HTML 23Page - Intersil Corporation ISL6264 Datasheet HTML 24Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
FN6359.1
October 16, 2006
Dynamic Mode of Operation - Dynamic Droop
using DCR sensing
Droop is very important for load transient performance. If the
system is not compensated correctly, the output voltage
could sag excessively upon load application and potentially
create a system failure. The output voltage could also take a
long period of time to settle to its final value. This could be
problematic if a load dump were to occur during this time.
This situation would cause the output voltage to rise above
the no load setpoint of the converter and could potentially
damage the CPU.
The L/DCR time constant of the inductor must be matched to
the Rn*Cn time constant as shown in Equation 18:
Solving for Cn, we now have Equation 19:
Note, RO was neglected. As long as the inductor time
constant matches the Cn, Rn and RS time constants as given
above, the transient performance will be optimum. As in the
Static Droop Case, this process may require a slight
adjustment to correct for layout inconsistencies. For the
example of L = 0.36 H with 0.8m
Ω DCR, C
n is calculated
below.
The value of this capacitor is selected to be 330nF. As the
inductors tend to have 20% to 30% tolerances, this cap
generally will be tuned on the board by examining the
transient voltage. If the output voltage transient has an initial
dip (lower than the voltage required by the load line) and
slowly increases back to the steady state, the cap is too
small and vice versa. It is better to have the cap value a little
bigger to cover the tolerance of the inductor to prevent the
output voltage from going lower than the spec. This cap
needs to be a high grade cap like X7R with low tolerance.
There is another consideration in order to achieve better
time constant match mentioned above. The NPO/COG
(class-I) capacitors have only 5% tolerance and a very good
thermal characteristics. But those caps are only available in
small capacitance values. In order to use such capacitors,
the resistors and thermistors surrounding the droop voltage
sensing and droop amplifier has to be resized up to 10X to
reduce the capacitance by 10X. But attention has to be paid
in balancing the impedance of droop amplifier in this case.
Dynamic Mode of Operation - Compensation
Parameters
Considering the voltage regulator as a black box with a
voltage source controlled by VID and a series impedance, in
order to achieve the 2.0mV/A load line, the impedance
needs to be 2.0m
Ω. The compensation design has to target
the output impedance of the converter to be 2.0m
Ω. There is
a mathematical calculation file available to the user. The
power stage parameters such as L and Cs are needed as the
input to calculate the compensation component values.
Attention has to be paid to the input resistor to the FB pin. It
is better to keep this resistor at 1k
Ω for the convenience of
OFFSET design.
Static Mode of Operation - Current Balance using
DCR or Discrete Resistor Current Sensing
Current Balance is achieved in the ISL6264 through the
matching of the voltages present on the ISEN pins. The
ISL6264 adjusts the duty cycles of each phase to maintain
equal potentials on the ISEN pins. RL and CL around each
inductor, or around each discrete current resistor, are used
to create a rather large time constant such that the ISEN
voltages have minimal ripple voltage and represent the DC
current flowing through each channel's inductor. For
optimum performance, RL is chosen to be 10k
Ω and CL is
selected to be 0.22µF. When discrete resistor sensing is
used, a capacitor most likely needs to be placed in parallel
with RL to properly compensate the current balance circuit.
ISL6264 uses RC filter to sense the average voltage on
phase node and forces the average voltage on the phase
node to be equal for current balance. Even though the
ISL6264 forces the ISEN voltages to be almost equal, the
inductor currents will not be exactly equal. Take DCR current
sensing as example, two errors have to be added to find the
total current imbalance. 1) Mismatch of DCR: If the DCR has
a 5% tolerance then the resistors could mismatch by 10%
worst case. If each phase is carrying 20A then the phase
currents mismatch by 20A*10% = 2A. 2) Mismatch of phase
voltages/offset voltage of ISEN pins. The phase voltages are
within 2mV of each other by current balance circuit. The
error current that results is given by 2mV/DCR. If
DCR = 1m
Ω then the error is 2A.
2.05
2.1
2.15
2.2
2.25
020
40
60
80
INDUCTOR TEMPERATURE (°C)
100
FIGURE 33. LOAD LINE PERFORMANCE WITH NTC
THERMAL COMPENSATION
L
DCR
-------------
R
n RSEQV
R
n
RS
EQV
+
---------------------------------- C
n
=
(EQ. 18)
C
n
L
DCR
-------------
R
n RSEQV
R
n
RS
EQV
+
----------------------------------
-----------------------------------
=
(EQ. 19)
C
n
0.36
µH
0.0008
--------------------
parallel 5.823k, 1.825k
()
-------------------------------------------------------------------
330nF
==
(EQ. 20)
ISL6264


Similar Part No. - ISL6264

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6264 RENESAS-ISL6264 Datasheet
1Mb / 23P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
ISL6264CRZ RENESAS-ISL6264CRZ Datasheet
1Mb / 23P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
ISL6264CRZ-T RENESAS-ISL6264CRZ-T Datasheet
1Mb / 23P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
More results

Similar Description - ISL6264

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6264 RENESAS-ISL6264 Datasheet
1Mb / 23P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Maxim Integrated Produc...
MAX8760 MAXIM-MAX8760 Datasheet
845Kb / 39P
   Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
logo
Intersil Corporation
ISL6262CRZ INTERSIL-ISL6262CRZ Datasheet
559Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
ISL6262 INTERSIL-ISL6262 Datasheet
562Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
logo
Renesas Technology Corp
ISL6262 RENESAS-ISL6262 Datasheet
1Mb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
logo
Intersil Corporation
ISL6262CRZ-T INTERSIL-ISL6262CRZ-T Datasheet
562Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
logo
Analog Devices
ADP3203 AD-ADP3203 Datasheet
153Kb / 12P
   2-Phase IMVP-II & IMVP-III Core Controller for Mobile CPUs
REV. PrD 1/02
ADP3205 AD-ADP3205 Datasheet
70Kb / 1P
   Multiphase IMVP-IV Core Controller for Mobile CPUs
REV. 0
ADP3422 AD-ADP3422 Datasheet
174Kb / 16P
   IMVP-II-Compliant Core Power Controller for Mobile CPUs
REV. 0
ADP3204 AD-ADP3204 Datasheet
1Mb / 16P
   3-Phase IMVP-II and IMVP-III Core Controller for Mobile CPUs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com