Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMO3CEC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CMO3CEC
Description  3.3V 5x7mm Surface Mount Crystal Clock Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CMO3CEC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CMO3CEC Datasheet HTML 1Page - List of Unclassifed Manufacturers CMO3CEC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2553 N. Edgington Street, Franklin Park, IL 60131
Phone: 847.451.1000
Fax: 847.451.7585
800-888-1499 or www.champtech.com
2
OUTPUT WAVEFORM
TEST CIRCUIT DIAGRAM
PIN
FUNCTION
N/C / Tri-State
1
2
3
Ground
Output
4
+ VCC
CMO3 Series
3.3V 5x7mm Surface Mount Crystal Clock Oscillators
TEST METHODS
REFERENCE PROCEDURES
DESCRIPTION
Temperature Cycle
MIL-STD-833, Mtd 1010, Cond. B
Mechanical Shock
MIL-STD-883, Mtd 2002, Cond. B
-55°C to +125°C; Air-to-Air; 100 cycles; 10
min. dwell
Vibration
MIL-STD 883, Mtd 2007, Cond. B
20-2000 Hz; 0.06 inch; 15g’s; 3 planes
Humidity Steady State
MIL-STD-202, Mtd 103
40°C; 90%-95% R.H.; 56 days
Thermal Shock
MIL-STD-883, Mtd 1011.7 Cond. B
Electrostatic Discharge
Solderability
Hermeticity
Resistance to Soldering
Lead Integrity
Marking Permanence
Life Test
100°C to 0°C; Water-to-Water; 15 cycles
2 KV to 4 KV Threshold
Solder dip; Meniscograph Criteria
Mass spectro. 2 x 10-8 atmos. CC/sec He
235°C; 30 seconds
Lead tension & bend stress
Resistance to solvents
1500 g’s
MIL-STD-883, Mtd 3015 Class II
MIL-STD-883, Mtd 1005.6
MIL-STD-883, Mtd 2022.2
MIL-STD-883, Mtd 1014.8, Cond. A1
MIL-STD-202, Mtd 210D, Cond. J
MIL-STD-883, Mtd 2004.5, Cond. A, B1
MIL-STD-883, Mtd 2015.8
125°C, powered, 1000 hours minimum
MECHANICAL AND ENVIRONMENTAL SPECIFICATIONS


Similar Part No. - CMO3CEC

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
CMO3CC MTRONPTI-CMO3CC Datasheet
379Kb / 3P
   5 x 7 mm, 3.3 Volt, CMOS, Clock Oscillator
CMO3CMC MTRONPTI-CMO3CMC Datasheet
379Kb / 3P
   5 x 7 mm, 3.3 Volt, CMOS, Clock Oscillator
More results

Similar Description - CMO3CEC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMO5 ETC1-CMO5 Datasheet
409Kb / 2P
   5V 5x7mm Surface Mount Crystal Clock Oscillators
logo
MTRONPTI
MSO3 MTRONPTI-MSO3 Datasheet
611Kb / 2P
   3.3V 9x11mm Surface Mount Crystal Clock Oscillators
logo
List of Unclassifed Man...
F1300C ETC1-F1300C Datasheet
442Kb / 2P
   3.3V FR-4 Surface Mount Crystal Clock Oscillators
HSM613 ETC2-HSM613 Datasheet
173Kb / 2P
   CRYSTAL CONTROLLED OSCILLATORS 3.3V Surface Mount 7.5mmx5mm Crystal Clock Oscillator
logo
MTRONPTI
K3100G MTRONPTI-K3100G Datasheet
421Kb / 2P
   3.3V Crystal Clock Oscillators
K3500G MTRONPTI-K3500G Datasheet
414Kb / 2P
   3.3V Crystal Clock Oscillators
logo
Kyocera Kinseki Corpota...
K50H-3C KSS-K50H-3C Datasheet
246Kb / 7P
   Clock Crystal Oscillators Surface Mount Type
logo
Connor-Winfield Corpora...
P701 CONNOR-WINFIELD-P701 Datasheet
157Kb / 2P
   3.3V 5X7mm SURFACE MOUNT HIGH FREQUENCY LVPECL CLOCK OSCILLATOR
T533D5 CONNOR-WINFIELD-T533D5 Datasheet
218Kb / 2P
   3.3V 5X7mm SURFACE MOUNT TCXO
logo
MTRONPTI
MSO MTRONPTI-MSO Datasheet
605Kb / 2P
   5V 9x14mm Surface Mount Crystal Clock Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com