Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3994Z+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS3994Z+
Description  4-Channel Cold-Cathode Fluorescent Lamp Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3994Z+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS3994Z+ Datasheet HTML 2Page - Maxim Integrated Products DS3994Z+ Datasheet HTML 3Page - Maxim Integrated Products DS3994Z+ Datasheet HTML 4Page - Maxim Integrated Products DS3994Z+ Datasheet HTML 5Page - Maxim Integrated Products DS3994Z+ Datasheet HTML 6Page - Maxim Integrated Products DS3994Z+ Datasheet HTML 7Page - Maxim Integrated Products DS3994Z+ Datasheet HTML 8Page - Maxim Integrated Products DS3994Z+ Datasheet HTML 9Page - Maxim Integrated Products DS3994Z+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
4-Channel Cold-Cathode
Fluorescent Lamp Controller
6
_____________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = +5.0V, TA = +25°C, unless otherwise noted.)
BURST DIMMING AT 150Hz AND 50%
1ms
5.0V GA
1ms
5.0V GB
1ms
2.0V LCM
1ms
1.0V OVD
SOFT-START AT VINV = 18V
20
µs
5.0V GA
20
µs
5.0V GB
20
µs
2.0V LCM
20
µs
1.0V OVD
LAMP STRIKE—EXPANDED VIEW
1ms
5.0V GA
1ms
5.0V GB
1ms
2.0V LCM
1ms
2.0V OVD
LAMP STRIKE WITH OPEN LAMP
AUTORETRY DISABLED
0.55
5.0V GA
0.55
5.0V GB
0.55
2.0V LCM
0.55
1.0V OVD
LST0 AND LST1 = 0
BURST DIMMING STAGGER
2.0ms
5.0V GA1
2.0ms
5.0V GA2
2.0ms
5.0V GA3
2.0ms
5.0V GA4
LAMP OUT (LAMP OPENED),
AUTORETRY DISABLED
0.1s
5.0V GA
0.1s
5.0V GB
0.1s
2.00V LCM
0.1s
2.00V OVD
LAMP OPENED
LAMP STRIKE WITH 0%
FREQUENCY BOOST
2ms
5.0V GA
2ms
2.0V LCM
2ms
0.5V OVD
LAMP STRIKE WITH 33%
FREQUENCY BOOST
2ms
5.0V GA
2ms
2.0V LCM
2ms
0.5V OVD


Similar Part No. - DS3994Z+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3991 MAXIM-DS3991 Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
DS3991V MAXIM-DS3991V Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
DS3991VC MAXIM-DS3991VC Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
DS3991VR MAXIM-DS3991VR Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
DS3991VRC MAXIM-DS3991VRC Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
More results

Similar Description - DS3994Z+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3984 DALLAS-DS3984 Datasheet
790Kb / 24P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
logo
Maxim Integrated Produc...
DS3984 MAXIM-DS3984 Datasheet
508Kb / 24P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 1; 5/07
DS3988 MAXIM-DS3988 Datasheet
778Kb / 23P
   8-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 0; 4/05
logo
Texas Instruments
UCC2974 TI1-UCC2974 Datasheet
229Kb / 14P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
UCC3974 TI-UCC3974 Datasheet
210Kb / 12P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
UCC3973PWTRG4 TI1-UCC3973PWTRG4 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC1972 TI-UCC1972 Datasheet
308Kb / 17P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC1972 TI1-UCC1972_13 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
logo
List of Unclassifed Man...
BF22160-24B ETC1-BF22160-24B Datasheet
121Kb / 1P
   MINIATURE COLD CATHODE FLUORESCENT LAMP
logo
Monolithic Power System...
MP1010B MPS-MP1010B Datasheet
35Kb / 1P
   Cold Cathode Fluorescent Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com