Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3994Z+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS3994Z+
Description  4-Channel Cold-Cathode Fluorescent Lamp Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3994Z+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS3994Z+ Datasheet HTML 7Page - Maxim Integrated Products DS3994Z+ Datasheet HTML 8Page - Maxim Integrated Products DS3994Z+ Datasheet HTML 9Page - Maxim Integrated Products DS3994Z+ Datasheet HTML 10Page - Maxim Integrated Products DS3994Z+ Datasheet HTML 11Page - Maxim Integrated Products DS3994Z+ Datasheet HTML 12Page - Maxim Integrated Products DS3994Z+ Datasheet HTML 13Page - Maxim Integrated Products DS3994Z+ Datasheet HTML 14Page - Maxim Integrated Products DS3994Z+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
4-Channel Cold-Cathode
Fluorescent Lamp Controller
______________________________________________________________________________________________________
11
To generate the DPWM signal internally, the DS3994
requires a clock (referred to as the dimming clock) to
set the DPWM frequency. The user can supply the dim-
ming clock by setting POSCS = 1 in CR1 and applying
an external 22.5Hz to 440Hz signal at the POSC pin, or
DS3994’s clock can be generated by the DS3994’s
oscillator (set POSCS = 0 in CR1), in which case the
frequency is set by an external resistor at the POSC
pin. These two dimming clock options are shown in
Figure 3. Regardless of whether the dimming clock is
generated internally or sourced externally, the POSCR1
and POSCR2 bits in CR2 must be set to match the
desired dimming clock frequency.
Lamp Dimming Control (DPWM)
When the DPWM signal is generated internally, its duty
cycle (and, thus, the lamp brightness) is controlled by a
user-applied analog voltage at the BRIGHT input. Users
can select a positive or negative slope for the bright
pin’s dimming input as well as the voltage range. If
SLOPE = 0 in CR3, then the slope is positive. This
means that a BRIGHT voltage less than the minimum
voltage causes the DS3994 to operate with the minimum
burst duty cycle, providing the lowest brightness set-
ting, while any voltage greater than the maximum volt-
age causes a 100% burst duty cycle (i.e., lamps always
being driven), which provides the maximum brightness.
For voltages between the minimum voltage and the
maximum voltage, the duty cycle varies linearly between
the minimum and 100%.
The internally generated DPWM signal is available at
the PSYNC I/O pin (set RGSO = 0 in CR1) for sourcing
to other DS3994s, if any, in the circuit. This allows all
DS3994s in the system to be synchronized to the same
DPWM signal. The DS3994 that is generating the
DPWM signal for other DS3994s in the system is
referred to as the DPWM source.
BRIGHT
PSYNC (OUTPUT)
POSC
0.5V
OR
0.0V
2.0V
OR
3.3V
22.5Hz TO 440Hz
RESISTOR TO SET THE
DIMMING FREQUENCY
DPWM
SIGNAL
ANALOG DIMMING
CONTROL VOLTAGE
RESISTOR-SET DIMMING CLOCK
BRIGHT
PSYNC (OUTPUT)
POSC
22.5Hz TO 440Hz
22.5Hz TO 440Hz
DPWM
SIGNAL
EXTERNAL
DIMMING CLOCK
ANALOG DIMMING
CONTROL VOLTAGE
EXTERNAL DIMMING CLOCK
0.5V
OR
0.0V
2.0V
OR
3.3V
Figure 3. DPWM Source Configuration Options
BRIGHT
PSYNC (INPUT)
POSC
22.5Hz TO 440Hz
DPWM
SIGNAL
Figure 4. DPWM Receiver Configuration
Table 1. BRIGHT Analog Dimming Input Slope and Voltage Range Configuration
CR2.7
CR3.0
RANGE
SLOPE
MINIMUM BRIGHTNESS
MAXIMUM BRIGHTNESS
0
0
0.5 to 2V
Positive
0.5V
2.0V
0
1
0.5 to 2V
Negative
2.0V
0.5V
1
0
0 to 3.3V
Positive
0V
3.3V
1
1
0 to 3.3V
Negative
3.3V
0V


Similar Part No. - DS3994Z+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3991 MAXIM-DS3991 Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
DS3991V MAXIM-DS3991V Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
DS3991VC MAXIM-DS3991VC Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
DS3991VR MAXIM-DS3991VR Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
DS3991VRC MAXIM-DS3991VRC Datasheet
468Kb / 16P
   Low-Cost CCFL Controller
Rev 0; 1/08
More results

Similar Description - DS3994Z+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3984 DALLAS-DS3984 Datasheet
790Kb / 24P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
logo
Maxim Integrated Produc...
DS3984 MAXIM-DS3984 Datasheet
508Kb / 24P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 1; 5/07
DS3988 MAXIM-DS3988 Datasheet
778Kb / 23P
   8-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 0; 4/05
logo
Texas Instruments
UCC2974 TI1-UCC2974 Datasheet
229Kb / 14P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
UCC3974 TI-UCC3974 Datasheet
210Kb / 12P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
UCC3973PWTRG4 TI1-UCC3973PWTRG4 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC1972 TI-UCC1972 Datasheet
308Kb / 17P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC1972 TI1-UCC1972_13 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
logo
List of Unclassifed Man...
BF22160-24B ETC1-BF22160-24B Datasheet
121Kb / 1P
   MINIATURE COLD CATHODE FLUORESCENT LAMP
logo
Monolithic Power System...
MP1010B MPS-MP1010B Datasheet
35Kb / 1P
   Cold Cathode Fluorescent Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com