Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8563 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8563
Description  1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8563 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8563 Datasheet HTML 4Page - Analog Devices AD8563 Datasheet HTML 5Page - Analog Devices AD8563 Datasheet HTML 6Page - Analog Devices AD8563 Datasheet HTML 7Page - Analog Devices AD8563 Datasheet HTML 8Page - Analog Devices AD8563 Datasheet HTML 9Page - Analog Devices AD8563 Datasheet HTML 10Page - Analog Devices AD8563 Datasheet HTML 11Page - Analog Devices AD8563 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AD8563
Preliminary Technical Data
Rev. PrA | Page 8 of 15
MAXIMIZING PERFORMANCE THROUGH PROPER
LAYOUT
To achieve the maximum performance of the AD8563, care
should be taken in the circuit board layout. The PC board
surface must remain clean and free of moisture to avoid leakage
currents between adjacent traces. Surface coating of the circuit
board reduces surface moisture and provides a humidity barrier,
reducing parasitic resistance on the board.
Care must be taken to minimize parasitic capacitance on Pin 1
and Pin 10 (Resistor R1 connections). Traces from Pin 1 and
Pin 10 to R1 should be kept short and symmetric. Excessive
capacitance on these pins will result in a gain error. This effect
is most prominent at low gains (G < 10).
For high impedance sources, the PC board traces from the
AD8563 inputs should be kept to a minimum to reduce input
bias current errors.
POWER SUPPLY BYPASSING
The AD8563 uses internally generated clock signals to perform
the auto-correction. As a result, proper bypassing is necessary
to achieve optimum performance. Inadequate or improper
bypassing of the supply lines can lead to excessive noise and
offset voltage.
A 0.1 μF surface-mount capacitor should be connected between
the supply lines. This capacitor is necessary to minimize ripple
from the correction clocks inside the IC. For dual-supply
operation (see Figure 5), a 0.1 μF (ceramic) surface-mount
capacitor should be connected from each supply pin to ground.
For single-supply operation, a 0.1 μF surface-mount capacitor
should be connected from the supply line to ground.
All bypass capacitors should be positioned as close to the DUT
supply pins as possible, especially the bypass capacitor between
the supplies. Placement of the bypass capacitor on the back of
the board directly under the DUT is preferred.
INPUT OVERVOLTAGE PROTECTION
All terminals of the AD8563 are protected against ESD. In the
case of a dc overload voltage beyond either supply, a large
current would flow directly through the ESD protection diodes.
If such a condition should occur, an external resistor should be
used in series with the inputs to limit current for voltages
beyond the supply rails. The AD8563 can safely handle 5 mA of
continuous current, resulting in an external resistor selection of
REXT = (VIN − VS)/5 mA.
CAPACITIVE LOAD DRIVE
The output buffer, Pin 4, can drive capacitive loads up to 100 pF.
I
I
I – IR1
M2
VINP
M3
M4
M1
R1
(VINP – VINN)
IR1 =
R1
2I
2I
VINN
VBIAS
M5
M6
I – IR1
I + IR1
2IR1
C2
R2
VREF
A1
VINP – VINN
R2
2R2
VOUT = VREF +
EXTERNAL
VCC
Figure 2. Simplified AD8563 Schematic


Similar Part No. - AD8563

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8563 AD-AD8563_15 Datasheet
188Kb / 15P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
Rev. PrA
More results

Similar Description - AD8563

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8553ARMZ-R2 AD-AD8553ARMZ-R2 Datasheet
334Kb / 20P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
REV. A
AD8553 AD-AD8553 Datasheet
334Kb / 20P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
REV. A
AD8563 AD-AD8563_15 Datasheet
188Kb / 15P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
Rev. PrA
AD8553 AD-AD8553_15 Datasheet
334Kb / 20P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
Rev. A
AD8553 AD-AD8553_16 Datasheet
383Kb / 21P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
ADA4051-1 AD-ADA4051-1 Datasheet
620Kb / 20P
   1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. B
ADA4051-2 AD-ADA4051-2 Datasheet
611Kb / 20P
   1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. 0
logo
Texas Instruments
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2752 TI1-TL16C2752_16 Datasheet
393Kb / 26P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com