Electronic Components Datasheet Search |
|
9221SH3Z4QE22 Datasheet(PDF) 5 Page - ITT Industries |
|
9221SH3Z4QE22 Datasheet(HTML) 5 Page - ITT Industries |
5 / 6 page G–52 G C&K 9000 Series Power Toggle Switches TERMINATIONS CONTACT MATERIAL SEAL Actuator Shown in Pos. 1 SECTION A-A PC MOUNTING AV2 VERTICAL RIGHT ANGLE, PC THRU-HOLE 9201SH3AV2QE Vertical Actuation DPDT NOTE: Terminal bend radii and lead-in manufacturing option. Terminal spacing greater than 3mm at all points. Terminal Nos. For Reference Only Not available with 9221 model or Z4 terminations. Must be ordered with 9221 model and Z4 termination. 9201 Only 6 AMPS @120 V AC OR 28 V DC; 3 AMPS @ 250 V AC. 10 AMPS @125 V AC OR 28 V DC; 5 AMPS @ 250 V AC. POWER SILVER OR TIN 2,5 TIN 5 SILVER 1,2 SILVER CADMIUM OXIDE 3,4,6 9201 9221 Q RATINGS TERMINAL PLATING CONTACT MATERIAL MODEL OPTION CODE 1 END CONTACTS: Coin silver, silver plated. 2 CENTER CONTACTS & ALL TERMINALS: Copper alloy, silver plated. 3 END CONTACTS: Silver cadmium oxide. 4 CENTER CONTACTS: Copper alloy, silver plated. 5 Z4 TERMINALS ONLY: Copper alloy, matte-tin plated. 6 Cadmium in electrical switch contacts is exempt from RoHS. NOTE: Any models supplied with Q contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. All 9000 Series models meet international dimensional and electrical requirements. 9221 model must be ordered with Z4 terminations and D seal option. * Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. E EPOXY SEAL D NO EPOXY SEAL Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com |
Similar Part No. - 9221SH3Z4QE22 |
|
Similar Description - 9221SH3Z4QE22 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |