Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU-A2D30 Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part # SU-A2D30
Description  LVDS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SU-A2D30 Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  SU-A2D30 Datasheet HTML 1Page - Nel Frequency Controls,inc SU-A2D30 Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
SU-A2D30 Series
Continued
LVDS
Operating Conditions and Output Characteristics
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Frequency
-----
-----
350.0MHz
-----
750.0MHz
Duty Cycle (1)
-----
@ 50% points
45/55%
-----
55/45%
Logic 0 (1)
V
OL
-----
0.925V
-----
-----
Logic 1(1)
V
OH
-----
-----
-----
1.474V
Differential Voltage
Swing (1)
V
DIFF-OUT
-----
500mV
700mV
-----
Rise & Fall Time(1)
tr,tf
20-80% V
O
-----
-----
300 psec
RMS Random Jitter(5)
-----
-----
-----
-----
1 psec
Enable Voltage(2)
----
with V
EE=0V
-----
-----
0.8V
Disable Voltage
-----
with V
EE=0V
2.0V
-----
-----
Frequency Stability(3)
dF/F
Overall conditions including:
-100ppm
-----
+100ppm
voltage, calibration, temp.,
10 yr aging, shock, vibration
Phase Noise(4)
-----
@100Hz
-----
-----
- 80 dBc/Hz
-----
@1kHz
-----
-----
-110 dBc/Hz
-----
@10kHz
-----
-----
-130 dBc/Hz
-----
@100kHz
-----
-----
-130 dBc/Hz
-----
@1MHz
-----
-----
-135 dBc/Hz
-----
@10MHz
-----
-----
-135 dBc/Hz
General Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Supply Voltage
V
CC
3.3V±5%
3.135V
3.3V
3.465V
Supply Current
I
CC
-----
0.0 mA
-----
120 mA
Output current
I
O
Low level Output Current 0.0 mA
-----
±50.0 mA
Operating temperature
T
A
------
0°C
-----
70°C
Storage temperature
T
S
-----
-55°C
-----
125°C
Input: Logic High (ECL) - Disables
V
EE or Open - Enables
Lead temperature
T
L
Soldering, 10 sec.
-----
-----
300°C
Load
50 Ohm to V
CC-2V or Thevenin Equivalent, Bias Required
Start-up time
t
S
-----
-----
2 ms
10 ms
Environmental and Mechanical Characteristics
Mechanical Shock
Per MIL-STD-202, Method 213, Condition E
Thermal Shock
Per MIL-STD-833, Method 1011, Condition A
Vibration
0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55Hz to 2000 Hz
Soldering Condition
300°C for 10 seconds
Footnotes:
1) With load of 100 ohms across differential outputs.
2) Open to Enable pin also enables the output.
3) Standard frequency stability (±20,±25,±50ppm
& others available)
4) Phase Noise characterization available. Phase Noise
is frequency dependant, phase noise specification
references a 1.0GHz part.
5) RMS Jitter bandwidth of 12kHz to 20MHz.
Rev. C
CRYSTAL CLOCK OSCILLATORS
SU - A2D3X - FREQ
Package Code
Tolerance/Performance
SU 6 pad 9x14mm SMD
0 ±100ppm 0-70°C
1 ±50ppm 0-70°C
7 ±25ppm 0-70°C
Input Voltage
9 Customer Specific
Code Specification
A ±20ppm 0-70°C
A
3.3V
B ±50ppm -40 to +85°C
B
2.5V
C ±100ppm -40 to +85°C
Creating a Part Number
Data Sheet 0547B


Similar Part No. - SU-A2D30

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SU-A2D30 NEL-SU-A2D30_11 Datasheet
82Kb / 3P
   LVDS
More results

Similar Description - SU-A2D30

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV001 NSC-DS90LV001 Datasheet
396Kb / 13P
   3.3V LVDS-LVDS Buffer
logo
List of Unclassifed Man...
CHLZ-A5BP ETC2-CHLZ-A5BP Datasheet
53Kb / 1P
   LVDS Oscillator LVDS Output
logo
Nel Frequency Controls,...
PJ-B2D00 NEL-PJ-B2D00_10 Datasheet
155Kb / 3P
   LVDS
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
logo
Nel Frequency Controls,...
SK-B2D00 NEL-SK-B2D00_10 Datasheet
100Kb / 3P
   LVDS
SR-A2D20 NEL-SR-A2D20 Datasheet
82Kb / 3P
   LVDS
SU-A2D10 NEL-SU-A2D10_12 Datasheet
138Kb / 3P
   LVDS
SK-A2D00 NEL-SK-A2D00_10 Datasheet
100Kb / 3P
   LVDS
PJ-A2D00 NEL-PJ-A2D00_10 Datasheet
155Kb / 3P
   LVDS
SD-X2D00 NEL-SD-X2D00 Datasheet
196Kb / 3P
   LVDS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com