Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC-A144B-FREQ Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # SC-A144B-FREQ
Description  LVCMOS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SC-A144B-FREQ Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  SC-A144B-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SC-A144B-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
LVCMOS
SC-B1440 Series
Description
The SC-B1440 Series of quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible
signals for bus connected systems. Supplying Pin 1 of the SC-B1440 units with a logic “1" or open enables
its Pin 3 output. In the disable mode, Pin 3 presents a high impedance to the load.
Features
• Wide frequency range–220.0MHz to 250.0MHz
(Contact factory for other frequencies)
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• 2.5 Volt operation
• High shock resistance, to 1000g
• Low Jitter - Wavecrest jitter characterization
available
• High Reliability - NEL HALT/HASS qualified for
crystal oscillator start-up conditions
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
• Metal lid electrically connected to ground to
reduce EMI
• Gold plated pads
• RoHS Compliant, Lead Free Construction
Electrical
Connection
Pin
Connection
1
Enable/Disable
2
Ground
3
Output
4
V
DD
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0540B
Rev. -


Similar Part No. - SC-A144B-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SC-A144B-FREQ NEL-SC-A144B-FREQ Datasheet
220Kb / 2P
   LVCMOS
More results

Similar Description - SC-A144B-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SC-C1420 NEL-SC-C1420 Datasheet
44Kb / 2P
   LVCMOS
SC-C1440 NEL-SC-C1440 Datasheet
220Kb / 2P
   LVCMOS
logo
Connor-Winfield Corpora...
TL602-TVL602 CONNOR-WINFIELD-TL602-TVL602 Datasheet
392Kb / 3P
   LVCMOS Output
logo
Integrated Device Techn...
ICS8440258-46 IDT-ICS8440258-46 Datasheet
700Kb / 16P
   FEMTOCLOCK??CRYSTAL/LVCMOS-TOLVDS/LVCMOS FREQUENCY SYNTHESIZER
ICS8316 IDT-ICS8316 Datasheet
232Kb / 10P
   LVCMOS/LVTTL FANOUT BUFFER W/1.2V LVCMOS OUTPUTS
logo
Abracon Corporation
AST3TQ ABRACON-AST3TQ Datasheet
2Mb / 5P
   Standard LVCMOS Output
01.05.2017
logo
Connor-Winfield Corpora...
DOT050F-DOT050V CONNOR-WINFIELD-DOT050F-DOT050V Datasheet
464Kb / 4P
   LVCMOS Output Logic
logo
Renesas Technology Corp
ICS8440258-46 RENESAS-ICS8440258-46 Datasheet
472Kb / 24P
   FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
ICS8440259D-45 RENESAS-ICS8440259D-45 Datasheet
461Kb / 19P
   FEMTOCLOCK™ CRYSTAL/LVCMOS-TOLVDS LVCMOS FREQUENCY SYNTHESIZER
FEBRUARY 26, 2009
logo
Integrated Device Techn...
840024I IDT-840024I Datasheet
344Kb / 17P
   FemtoClock Crystal/LVCMOS-to-LVCMOS/LVTTL Frequency Synthesizer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com