Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR-A29BC-FREQ Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part # SR-A29BC-FREQ
Description  Frequency Range: 250.0 MHz-1.7 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SR-A29BC-FREQ Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  SR-A29BC-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SR-A29BC-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operating Conditions and Output Characteristics
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Frequency
250.0MHz
1.7GHz
Duty Cycle
@ 50% points
45/55%
55/45%
Logic 0 (1)
VOL
VCC -1.810V
VCC -1.620V
Logic 1(1)
VOH
VCC -1.025V
VCC -0.880V
Rise & Fall Time
tr, tf 20-80%V
O with 50 ohm load to VCC -2V
350 psec
600 psec
RMS Random Jitter(5)
1 psec
Enable Voltage(2)
with VEE=0V
0V
1.0V
Disable Voltage
with VEE=0V
3.0V
VCC
Frequency Stability(3)
dF/F
Overall conditions including:
-100ppm
+100ppm
voltage, calibration, temp.,
10 yr aging, shock, vibration
Phase Noise(4)
@100Hz
-80 dBc/Hz
@1kHz
-115 dBc/Hz
@10kHz
-130 dBc/Hz
@100kHz
-130 dBc/Hz
@1MHz
-135 dBc/Hz
@10MHz
-135 dBc/Hz
General Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Supply Voltage
VCC
3.135 V
3.3 V
3.465 V
Supply Current
ICC
50 ohm termination
0.0 mA
120 mA
to 2.00V below VCC
Output Current
IO
Low level Output Current
0.0 mA
±50.0 mA
Operating Temperature
TA
0ºC
70ºC
Storage Temperature
TS
-55ºC
125ºC
Input: Logic High (ECL) - Disables
VEE or Open - Enables
Lead Temperature
TL
Soldering, 10 sec.
300ºC
Load
50 ohm to VCC -2V or Thevenin Equivalent, Bias Required
Start-up Time
tS
2 ms
10 ms
Environmental and Mechanical Characteristics
Mechanical Shock
Per MIL-STD-202, Method 213, Condition E
Thermal Shock
Per MIL-STD-833, Method 1011, Condition A
Vibration
0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55 Hz to 2000 Hz
Soldering Condition
300ºC for 10 seconds
Footnotes:
1) VOL, VOH, referenced to ground.
2) Open to enable pin also enables the output.
3) Standard frequency stability (others available).
4) Phase Noise characterization available. Phase Noise is frequency dependent,
phase noise specification references a 1.0GHz part.
5) RMS jitter bandwidth of 12kHz to 20MHz.
Differential Positive ECL (DPECL)
SR-A29B0 Series Rev G
Frequency Range: 250.0 MHz-1.7 GHz


Similar Part No. - SR-A29BC-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SR-A29B0 NEL-SR-A29B0_10 Datasheet
82Kb / 3P
   Differential Positive ECL (DPECL)
More results

Similar Description - SR-A29BC-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SR-A2A70 NEL-SR-A2A70 Datasheet
404Kb / 2P
   Frequency Range: 250.0 MHz-1.7 GHz
SK-A29B0 NEL-SK-A29B0 Datasheet
206Kb / 2P
   Frequency Range: 350.0 MHz to 1.7 GHz
S3-AA22X NEL-S3-AA22X Datasheet
381Kb / 2P
   Frequency Range: 200 MHz to 1.7 GHz
SJ-A1440 NEL-SJ-A1440 Datasheet
290Kb / 2P
   Frequency Range: 10.0 MHz to 250.0 MHz
logo
WALSIN TECHNOLOGY CORPO...
RFLPF1608060F67N2T WALSIN-RFLPF1608060F67N2T Datasheet
511Kb / 7P
   1.7 ~ 2.7 GHz Working Frequency
logo
Integrated Technology F...
262151B ITF-262151B Datasheet
175Kb / 2P
   250.0 MHz SAW Filter
logo
Pasternack Enterprises,...
PE15A1014 PASTERNACK-PE15A1014 Datasheet
428Kb / 6P
   50 MHz to 1 GHz Frequency Range
PE15A2000 PASTERNACK-PE15A2000 Datasheet
825Kb / 10P
   500 MHz to 4 GHz Frequency Range
logo
Vishay Siliconix
BA779-G VISHAY-BA779-G Datasheet
97Kb / 4P
   Wide frequency range 10 MHz to 1 GHz
Rev. 1.2, 25-Feb-13
logo
Guerrilla RF, Inc.
GRF2052 GUERRILLA-GRF2052 Datasheet
1Mb / 14P
   Ultra-Low Noise Amplifier Tuning Range: 1.7 – 4.5 GHz
05/31/19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com