Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PJ-B2987-100.0 Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part No. PJ-B2987-100.0
Description  CRYSTAL CLOCK OSCILLATORS Differential Positive ECL (DPECL) Fast Edge
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEL [Nel Frequency Controls,inc]
Homepage  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

PJ-B2987-100.0 Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  PJ-B2987-100.0 Datasheet HTML 1Page - Nel Frequency Controls,inc PJ-B2987-100.0 Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
Differential Positive ECL (DPECL)
Fast Edge
PJ-B2980 Series
Description
The PJ-B2980 Series of quartz crystal oscillators provide DPECL Fast Edge compatible signals. Systems
designers may now specify space-saving, cost-effective packaged PECL oscillators to meet their timing
requirements.
Features
• Wide frequency range–60.0MHz to 312.5MHz
• User specified tolerance available
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 1000g
• 2.5 volt operation
• Metal lid electrically connected to ground to
reduce EMI
• High Reliability - NEL HALT/HASS qualified for
crystal oscillator start-up conditions
• Low Jitter - Wavecrest jitter characterization
available
• Overtone technology
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
• Gold plated pads
• RoHS Compliant, Lead Free Construction
Electrical Connection
Pin
Connection
1
Enable/Disable
2
N.C.
3
V
EE /Ground
4
Output
5
/Output
6
V
CC
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0350C
Rev. G


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HS-2920Differential Positive ECL DPECL Fast Edge 1 2 Nel Frequency Controls,inc
HS-A2920Differential Positive ECL DPECL Fast Edge 1 2 Nel Frequency Controls,inc
SJ-A2920Differential Positive ECL DPECL Fast Edge 1 2 Nel Frequency Controls,inc
SD-A29H0Differential Positive ECL DPECL Fast Edge 1 2 Nel Frequency Controls,inc
HA-2870Differential Positive ECL DPECL 1 2 Nel Frequency Controls,inc
HK-2900Differential Positive ECL DPECL 1 2 Nel Frequency Controls,inc
HK-2910Differential Positive ECL DPECL 1 2 Nel Frequency Controls,inc
RC001Redundant Clock Module Positive ECL Compatible Differential Output 1 2 Nel Frequency Controls,inc
HS-A2870Differential Positive ECL DPECL 1 2 Nel Frequency Controls,inc
SJ-2870Differential Positive ECL DPECL 1 2 Nel Frequency Controls,inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn