Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ-0A209-FREQ Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # PJ-0A209-FREQ
Description  Frequency Range: 10.0 MHz to 52.0 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

PJ-0A209-FREQ Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  PJ-0A209-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc PJ-0A209-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A.
Phone: 262-763-3591 Fax: 262-763-2881 Email: nelsales@nelfc.com www.nelfc.com
PJ-0A20X
Series
Size, mm
9 x 14
I/O
6J Lead
Supply Voltage
5.0 V / 3.3 V
Features
• Frequency range–10.0MHz to 52.0MHz
• User specified tolerance
• Will withstand SMD reflow temperatures of
253°C for 4 minutes maximum
• Space-saving alternative to discrete
component oscillators
• High shock resistance, to 3000g
• Metal lid electrically connected to ground to
reduce EMI
• Double Sealed Case
• High Reliability - NEL HALT/HASS
qualified for crystal oscillator start-up
conditions
• Low Jitter - Wavecrest jitter characterization
available
• High Q Crystal actively tuned oscillator
circuit
• Power supply decoupling internal
• No internal PLL avoids cascading
PLL problems
• Low power consumption
• Gold plated leads
• RoHS Compliant, Lead Free Construction
CMOS TCXO
PJ-0A20X Series Rev C
Frequency Range: 10.0 MHz to 52.0 MHz
Description
The PJ-0A20X Series of temperature compensated quartz crystal oscillators provide CMOS
compatible signals.
Creating a Part Number
PJ-0A2XX-FREQ
Package Code
PJ 6 J Lead 9x14 mm SMD
Input Voltage
Code
Specification
0
5.0 V
A
3.3 V
Performance
9 Customer Specific
D ±10 ppm -40°C to 85oC
E ±2.5 ppm -40°C to 85oC
F ±1 ppm 0°C to 70oC
Trim Adjustment
0 Pin1=NC
1 Pin1=V
CT
For the most up to date
specifications on each NEL
product, log on to our
website—www.nelfc.com
Drawing Specifications
Electrical Connections
Pad
Connection
1
V
CT or NC
2
NC
3
Ground
4
Output
5
NC
6
VCC
Dimension shown in inches and (mm).
I3


Similar Part No. - PJ-0A209-FREQ

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-001AH-67 CUI-PJ-001AH-67 Datasheet
481Kb / 5P
   DC POWER JACK
PJ-001BH-67 CUI-PJ-001BH-67 Datasheet
481Kb / 5P
   DC POWER JACK
PJ-001DH-67 CUI-PJ-001DH-67 Datasheet
481Kb / 5P
   DC POWER JACK
PJ-002A CUI-PJ-002A Datasheet
267Kb / 3P
   DC POWER JACK
PJ-002A-SMT CUI-PJ-002A-SMT Datasheet
259Kb / 1P
   2.0mm SURFACE MOUNT POWER JACK
More results

Similar Description - PJ-0A209-FREQ

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
TVTX057 RALTRON-TVTX057 Datasheet
243Kb / 4P
   5x7 mm Stratum 3 TCXO with frequency Range 10.0 MHz to 52.0 MHz
TVTX053 RALTRON-TVTX053 Datasheet
250Kb / 3P
   5x3.2 mm Stratum 3 TCXO with frequency Range 10.0 MHz to 52.0 MHz
logo
Nel Frequency Controls,...
SJ-A1440 NEL-SJ-A1440 Datasheet
290Kb / 2P
   Frequency Range: 10.0 MHz to 250.0 MHz
logo
Pasternack Enterprises,...
PE15A9001 PASTERNACK-PE15A9001 Datasheet
419Kb / 5P
   50 MHz to 1000 MHz Frequency Range
PE15B5002 PASTERNACK-PE15B5002 Datasheet
579Kb / 7P
   30 MHz to 3000 MHz Frequency Range
logo
Nel Frequency Controls,...
SH-A368X NEL-SH-A368X Datasheet
132Kb / 2P
   Frequency Range: 60.0 MHz to 200.0 MHz
SK-A2910 NEL-SK-A2910 Datasheet
336Kb / 2P
   Frequency Range: 100.0 MHz to 320.0 MHz
SC-B1420 NEL-SC-B1420 Datasheet
206Kb / 2P
   Frequency Range: 1.0 MHz to 80.0 MHz
SJ-A1420 NEL-SJ-A1420 Datasheet
291Kb / 2P
   Frequency Range: 1.0 MHz to 80.0 MHz
SD-A3670 NEL-SD-A3670 Datasheet
210Kb / 2P
   Frequency Range: 70.0 MHz to 200.0 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com