Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SJ-B2870 Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part No. SJ-B2870
Description  CRYSTAL CLOCK OSCILLATORS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEL [Nel Frequency Controls,inc]
Homepage  http://www.nelfc.com
Logo 

SJ-B2870 Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Differential Positive ECL (DPECL)
SJ-B2870 Series
Description
The SJ-B2870 Series of quartz crystal oscillators provide MECL 10K and 10KH series compatible signals
in a ceramic SMD package. Systems designers may now specify space-saving, cost-effective packaged
PECL oscillators to meet their timing requirements.
Features
• Wide frequency range–50.0MHz to 100.0MHz
• User specified tolerance available
• Will withstand SMD reflow temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 1000g
• 2.5 volt operation
• Metal lid electrically connected to ground to
reduce EMI
• MECL 10K and 10KH series compatible output on
Pin 3, complement on Pin 1
• Low Jitter - Wavecrest jitter characterization
available
• High Reliability - NEL HALT/HASS qualified for
crystal oscillator start-up conditions
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
• Gold plated leads - Solder dipped leads available
upon request
• RoHS Compliant, Lead Free Construction
(unless solder dipped leads are supplied)
Electrical Connection
Pin
Connection
1
Output Complement
2
V
EE /Ground
3
Output
4
V
CC
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0225A
Rev. C


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HS-1200CRYSTAL CLOCK OSCILLATORS 1 2 List of Unclassifed Manufacturers
SC-A1470CRYSTAL CLOCK OSCILLATORS 1 2 List of Unclassifed Manufacturers
HS-600Crystal Clock Oscillators 1 2 Nel Frequency Controls,inc
HS-A1440CRYSTAL CLOCK OSCILLATORS 1 2 Nel Frequency Controls,inc
SJ-870CRYSTAL CLOCK OSCILLATORS 1 2 Nel Frequency Controls,inc
HS-A1450CRYSTAL CLOCK OSCILLATORS 1 2 Nel Frequency Controls,inc
SJ-A870CRYSTAL CLOCK OSCILLATORS 1 2 Nel Frequency Controls,inc
SK-2900CRYSTAL CLOCK OSCILLATORS 1 2 List of Unclassifed Manufacturers
K1400A5V Crystal Clock Oscillators 1 2 MTRONPTI
SJ-A2870CRYSTAL CLOCK OSCILLATORS 1 2 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn