Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8161J80HAV2PE22 Datasheet(PDF) 10 Page - ITT Industries

Part # 8161J80HAV2PE22
Description  Alternate Action and Momentary Pushbutton Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8161J80HAV2PE22 Datasheet(HTML) 10 Page - ITT Industries

Back Button 8161J80HAV2PE22 Datasheet HTML 2Page - ITT Industries 8161J80HAV2PE22 Datasheet HTML 3Page - ITT Industries 8161J80HAV2PE22 Datasheet HTML 4Page - ITT Industries 8161J80HAV2PE22 Datasheet HTML 5Page - ITT Industries 8161J80HAV2PE22 Datasheet HTML 6Page - ITT Industries 8161J80HAV2PE22 Datasheet HTML 7Page - ITT Industries 8161J80HAV2PE22 Datasheet HTML 8Page - ITT Industries 8161J80HAV2PE22 Datasheet HTML 9Page - ITT Industries 8161J80HAV2PE22 Datasheet HTML 10Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
A–59
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
.030
(0,76)
.200 DIA.
(5,08˘)
.025 SQ.
TYP. (0,63)
.750
(19,05)
.340
(8,64)
.230 DIA.
(5,84˘)
Flat denotes
cathode.
Suggested LED for J82 & J84 options.
Dimensions for reference only.
TYPICAL APPLICATION
Fits Z3 Termination
female connector
PART NO.
530100000
Available in loose pieces.
Above frames (part nos. 432XXXXXX) are also available with insert which accepts LED for
indicator light assembly. Order insert separately from frame. Blank insert panel (without hole
for LED) also available. LED not included.
Special colors, custom markings available, consult Customer Service Center.
PANEL INSERT
WITH HOLE FOR LED
PART NO.
894902000
BLANK PANEL INSERT
WITHOUT HOLE FOR LED
PART NO.
476602000
BLACK
.047" (1,19) PANEL THK.
PART NO.
432502263
.062" (1,57) PANEL THK.
PART NO.
432602263
.090" (2,29) PANEL THK.
PART NO.
432702263
.125" (3,18) PANEL THK.
PART NO.
432802263
BLACK
Frames snap into panel opening and are independent from switch mounting. Accurate positioning of the PC
mounted switch relative to the panel opening is necessary to provide proper clearance between actuator and
frame. Available in two basic styles and four panel thicknesses .047-.125 in. Material: Nylon. Finish: Matte.
LED INFORMATION
SWITCHES WITH LED SUPPLIED: J86 OPTION:
Rectangular LEDs are supplied on 8060 Series pushbutton switches with J86 option. These LEDs are factory installed and are not replaceable.
The following specifications apply:
Process Information: Soldering to LED leads must be completed within 5 seconds at
500ºF (260ºC) maximum.
Caution: Circuit elements must limit forward current of LED to 50mA max. continuous.
* Extra-bright red LED available (typ. intensity 4.5 mcd), consult Customer Service Center.
LEDs are not supplied with J82 & J84 options. LED snaps into switch frame surrounding actuator and
is wired externally.
125 mW
75 mW
125 mW
50 mA
30 mA
50 mA
2.5 V
20 mA
10 mA
20 mA
2.1 V
1.0 mcd
0.5 mcd
4.0 mcd
Green
Red*
Yellow
6
3
5
MAX RATINGS AT 25ºC AMBIENT TEMPERATURE
FORWARD
CONTINUOUS
POWER
VOLTAGE
FORWARD CURRENT
DISSIPATION
TYP.
FORWARD
CURRENT
TYP.
FORWARD
VOLTAGE
TYP.
INTENSITY
COLOR
OPTION
CODE
Panel Inserts
AVAILABLE HARDWARE
C&K 8060 Series
Alternate Action and Momentary Pushbutton Switches
A


Similar Part No. - 8161J80HAV2PE22

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8161 FILTRAN-8161 Datasheet
268Kb / 2P
   T1/CEPT Quad Port T1/E1
logo
List of Unclassifed Man...
8161 ETC1-8161 Datasheet
30Kb / 1P
   Diagonal cutters oval
logo
Hubbell Incorporated.
8161 HUBBELL-8161 Datasheet
365Kb / 1P
   Anchor, No Wrench, 8in x 66in Thimbleye
logo
Festo Corporation.
8161520 FESTO-8161520 Datasheet
94Kb / 1P
   Shock absorber
12/4/22
8161521 FESTO-8161521 Datasheet
95Kb / 1P
   Shock absorber
12/4/22
More results

Similar Description - 8161J80HAV2PE22

ManufacturerPart #DatasheetDescription
logo
C&K Components
8060 CK-COMPONENTS-8060 Datasheet
726Kb / 10P
   Alternate Action and Momentary Pushbutton Switches
8060 CK-COMPONENTS-8060_V01 Datasheet
1Mb / 10P
   Alternate Action and Momentary Pushbutton Switches
2018
PN11SBNA03QE CK-COMPONENTS-PN11SBNA03QE Datasheet
314Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
PN11 CK-COMPONENTS-PN11 Datasheet
306Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
PN CK-COMPONENTS-PN Datasheet
560Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
2022
logo
ITT Industries
PN11SBNA03QE ITT-PN11SBNA03QE Datasheet
430Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
logo
List of Unclassifed Man...
7199K102 ETC2-7199K102 Datasheet
169Kb / 1P
   General Purpose Alternate and Momentary Pushbutton Switches - Ac/Dc Rated
PS1-100Q ETC2-PS1-100Q Datasheet
720Kb / 11P
   Sensitive Snap-Action Pushbutton Switches ??Solder and P.C. Terminals (Momentary Action)
PB-12331ZQ ETC2-PB-12331ZQ Datasheet
200Kb / 4P
   Standard Ordering Table . Pushbutton Switches . Panelmount Maintained and Momentary Action (SPDT)
PB-12333ZG ETC2-PB-12333ZG Datasheet
201Kb / 3P
   Standard Ordering Table ??Pushbutton Switches ??Panelmount Maintained and Momentary Action (SPDT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com