Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ-A1429-FREQ Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part # SJ-A1429-FREQ
Description  CRYSTAL CLOCK OSCILLATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SJ-A1429-FREQ Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  SJ-A1429-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SJ-A1429-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
SJ-1420 Series
Continued
CMOS
Operating Conditions and Output Characteristics
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Frequency
-----
-----
40.1MHz
-----
80.0MHz
Duty Cycle
-----
@ V
DD /2
45/55%
-----
55/45%
Logic 0
V
OL
@ 600µA
-----
-----
0.2V
Logic 1
V
OH
@ 600µA
V
DD-0.2V
-----
-----
Rise & Fall Time
tr,tf
10-90%
-----
-----
8 ns
Tpz
-----
-----
-----
-----
25 ns
Enable/Disable
Logic High Voltage
-----
-----
3.5V
-----
-----
Enable/Disable
Logic Low Voltage
-----
-----
-----
-----
1.5V
Jitter, RMS
(2)
-----
-----
-----
-----
5 psec
Frequency Stability
(1)
dF/F
Overall conditions including:
-100ppm
-----
+100ppm
voltage, calibration, temp.,
10 yr aging, shock, vibration
General Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Supply Voltage
V
DD
-----
4.75V
5.0V
5.25V
Supply Current
I
CC
No Load
0.0 mA
-----
40mA
Output current
I
O
-----
0.0 mA
-----
±16.0 mA
Operating temperature
T
A
-----
0°C
-----
70°C
Storage temperature
T
S
-----
-55°C
-----
125°C
Power Dissipation
P
D
-----
-----
-----
210 mW
Lead temperature
T
L
Soldering, 10 sec.
-----
-----
300°C
Load
----
-----
-----
-----
15pf
Start-up time
t
S
-----
-----
2 ms
10 ms
Environmental and Mechanical Characteristics
Mechanical Shock Per MIL-STD-202, Method 213, Condition E
Thermal Shock
Per MIL-STD-833, Method 1011, Condition A
Vibration
0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55Hz to 2000 Hz
Soldering Condition
300°C for 10 seconds
Hermetic Seal
Leak rate less than 1 x 10
-8 atm.cc/sec of helium
Footnotes:
1) Standard frequency stability (±20,±25,±50ppm & others available)
2) Jitter performance is frequency dependent. Please contact factory for full characterization.
RMS jitter bandwidth of 12kHz to 20MHz.
Test Load:
Rev. J
CRYSTAL CLOCK OSCILLATORS
SJ - A142X - FREQ
Package Code
Tolerance/Performance
SJ
4 J Lead SMD
0 ±100ppm 0-70°C
1 ±50ppm 0-70°C
7 ±25ppm 0-70°C
Input Voltage
9 Customer Specific
Code
Specification
A ±20ppm 0-70°C
A
3.3V
B ±50ppm -40 to +85°C
5V
C ±100ppm -40 to +85°C
Creating a Part Number
Data Sheet 0010F


Similar Part No. - SJ-A1429-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SJ-A1429-FREQ NEL-SJ-A1429-FREQ Datasheet
291Kb / 2P
   Frequency Range: 1.0 MHz to 80.0 MHz
More results

Similar Description - SJ-A1429-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
HS-2870 ETC1-HS-2870 Datasheet
362Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1440 ETC1-SC-A1440 Datasheet
278Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Nel Frequency Controls,...
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Wolfgang Knap
22SMOP WK-22SMOP Datasheet
98Kb / 1P
   Crystal Clock Oscillators
32SMOP WK-32SMOP Datasheet
100Kb / 1P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
SJ460 ETC-SJ460 Datasheet
256Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1420 ETC1-SC-A1420 Datasheet
41Kb / 2P
   Crystal Clock Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com