Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF1201R Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BF1201R
Description  N-channel dual-gate PoLo MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1201R Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BF1201R Datasheet HTML 7Page - NXP Semiconductors BF1201R Datasheet HTML 8Page - NXP Semiconductors BF1201R Datasheet HTML 9Page - NXP Semiconductors BF1201R Datasheet HTML 10Page - NXP Semiconductors BF1201R Datasheet HTML 11Page - NXP Semiconductors BF1201R Datasheet HTML 12Page - NXP Semiconductors BF1201R Datasheet HTML 13Page - NXP Semiconductors BF1201R Datasheet HTML 14Page - NXP Semiconductors BF1201R Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2000 Mar 29
11
Philips Semiconductors
Product specification
N-channel dual-gate PoLo MOS-FETs
BF1201; BF1201R;
BF1201WR
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
1.1
0.9
A1
max
0.1
b1
0.88
0.78
c
0.15
0.09
D
3.0
2.8
E
1.4
1.2
HE
y
w
v
Q
2.5
2.1
0.55
0.25
0.45
0.25
e
1.9
e1
1.7
Lp
0.1
0.1
0.2
bp
0.48
0.38
DIMENSIONS (mm are the original dimensions)
SOT143R
SC-61B
97-03-10
99-09-13
0
1
2 mm
scale
Plastic surface mounted package; reverse pinning; 4 leads
SOT143R
D
HE
E
A
B
v M A
X
A
A1
Lp
Q
detail X
c
y
w M
e1
e
B
1
2
4
3
b1
bp


Similar Part No. - BF1201R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1201R NXP-BF1201R Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BF1201R

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF1202_2015 JMNIC-BF1202_2015 Datasheet
129Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
logo
NXP Semiconductors
BF1202 PHILIPS-BF1202 Datasheet
116Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
2000 Mar 29
BF1202 NXP-BF1202_10 Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
logo
Quanzhou Jinmei Electro...
BF1202 JMNIC-BF1202_15 Datasheet
129Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
BF1201_2015 JMNIC-BF1201_2015 Datasheet
127Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
logo
NXP Semiconductors
BF1202.215 NXP-BF1202.215 Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
logo
Quanzhou Jinmei Electro...
BF1201 JMNIC-BF1201_15 Datasheet
127Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com