Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS19223CBI11 Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # CS19223CBI11
Description  SONET/SDH STS-192/STM-64 MUX/DEMUX with Pointer Processor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS19223CBI11 Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  CS19223CBI11 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS19223CBI11 Datasheet HTML 2Page - Applied Micro Circuits Corporation CS19223CBI11 Datasheet HTML 3Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FINAL/ PRODUCTION RELEASE Information - The information contained in this
document is about a product in its fully tested and characterized phase. All features
described herein are supported. Contact AMCC for updates to this document and the
latest product status.
Empowering Intelligent Optical Networks
Product Brief
MEKONGAC
SONET/SDH STS-192/STM-64 MUX/DEMUX with Pointer Processor
Part Number S19223CBI11, Revision 1.3, May 2003
Features
• SONET/SDH Mux/Demux, Transport Overhead Terminating
Transceiver, and Pointer Processors for an STS-192/STM-64
and up to 4 x STS-48/STM-16s.
• Pointer Processors support standard SONET/SDH payload
types as well as STS-6c/9c/24c and AU-4-2c/3c/8c payload
types.
• Provisionable as SONET or SDH on a per line basis.
• Provisionable pointer processor bypass available for STS-192
to STS-192 operation (through-timing). Both a full bypass (no
frame regeneration) as well as a pointer processor bypass
(frame generation enabled) are provided.
• High-speed side supports a 622 MHz 16-bit STS-192/STM-64
interface.
• Low-speed side supports a 622 MHz 16-bit STS-192/STM-64
interface or four 622 MHz 4-bit STS-48/STM-16 interfaces.
• Cross-connects, in both directions, with STS-1 level granularity.
• Provisionable as SOH/LOH pass-through or termination/regen-
eration device.
• Compliant with ITU G.707, Bellcore GR-253, and ANSI T1.105
standards.
Multiplex Direction
• Multiplexes 4 STS-48/STM-16 tributaries into an STS-192/
STM-64 or bypass for STS-192/STM-64-to-STS-192/STM-64
connections.
• Selector for choosing high or low-speed interfaces, Deskew
Buffers, or APS inputs.
• STS-192/STM-64 framer.
• Non-Intrusive TOH Monitoring for all inputs: STS-192/STM-64
or 4x STS-48/STM-16.
• TOH can be either terminated/regenerated, or transparently
passed-through the device on a per function basis, in both
through-timing and pointer processing applications.
Demultiplex Direction
• Demultiplexes an STS-192/STM-64 into 4 STS-48/STM-16
connections or supports a bypass mode for STS-192/STM-64-
to-STS-192/STM-64 connections.
• Selector for choosing demultiplexed tributaries from high-
speed interface, low-speed interfaces or from APS inputs.
• Non-Intrusive STS-192/STM-64 Frame and TOH Monitor.
• TOH can be either terminated/regenerated, or transparently
passed-through the device on a per function basis.
• STS-192/STM-64 or 4 x STS-48/STM-16 framer(s).
• Configurable TOH Generators for STS-192/STM-64 or STS-48/
STM-16 outputs.
Figure 1: Block Diagram
MX_HSDATA_OUT[15:0]
DX_HSCLK_IN
FRAM192
FRGN192
MX_HSCLK_OUT
DX_HSDATA_IN[15:0]
TOH DROP
TOH
INSERT
TOH
INSERT
TOH
DX_LSCLK_OUT[1:4]
High-Speed
Interface
Low-Speed
Interface
Demux
Direction
Mux
Direction
MICROPROCESSOR I/F
PNTR
PROC./
DROP
TOH
INSERT
16
16
DX_LSDATA_OUT[1:4][3:0]
MX_LSDATA_IN[1:4][3:0]
MX_LSCLK_IN[1:4]
16
MX_LSDATA_IN[1:16]
DX_LSDATA_OUT[1:16]
MUX
PNTR
or
or
DSKEW
M
U
X
PROC
MUX
TOH_Remap
TOH_Remap
M
U
X
POH
MON
POH
MON


Similar Part No. - CS19223CBI11

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS19227PBI AMCC-CS19227PBI Datasheet
342Kb / 5P
   10GE & OC192/48/12/3 DW/FEC/PM and AsyncMap Device with Strong FEC
CS19227PBI-2 AMCC-CS19227PBI-2 Datasheet
318Kb / 5P
   10GE & OC192/48/12/3 DW/FEC/PM and AsyncMap Device with Strong FEC
More results

Similar Description - CS19223CBI11

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS19204CBI12 AMCC-CS19204CBI12 Datasheet
92Kb / 3P
   SONET/SDH STS-192/STM-64 MUX/DEMUX with Pointer Processor
logo
Exar Corporation
PEB2756AE EXAR-PEB2756AE Datasheet
143Kb / 3P
   QUAD STS-192/STM-64 MUX/DEMUX
logo
Applied Micro Circuits ...
CS4805 AMCC-CS4805 Datasheet
90Kb / 3P
   SONET/SDH STS-48/STM-16 Framer/Pointer Processor
logo
Exar Corporation
PEB2757AE EXAR-PEB2757AE Datasheet
183Kb / 3P
   4 STS-192/STM-64, 16 STS-48/STM-16, MUX/DEMUX
PEB1757E EXAR-PEB1757E Datasheet
40Kb / 2P
   TETHYS??4192 QUAD STS-192/STM-64 MUX/DEMUX
PEB1757AE EXAR-PEB1757AE Datasheet
51Kb / 2P
   TETHYS 2 STS-192/STM-64, 16 STS-48/STM-16, MUX/DEMUX
PEB1757E EXAR-PEB1757E_08 Datasheet
51Kb / 2P
   TETHYS??2 STS-192/STM-64, 16 STS-48/STM-16, MUX/DEMUX
PEB1756E EXAR-PEB1756E_09 Datasheet
58Kb / 2P
   PEB1756E TETHYS??4192 DUAL STS-192/STM-64 MUX/DEMUX
PEB1756AE EXAR-PEB1756AE Datasheet
58Kb / 2P
   PEB1756E TETHYS 4192 DUAL STS-192/STM-64 MUX/DEMUX
logo
Agere Systems
TSOT0410G4 AGERE-TSOT0410G4 Datasheet
2Mb / 190P
   SONET/SDH STS-192 Overhead and Path Processor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com