Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RC001 Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part No. RC001
Description  Redundant Clock Module Positive ECL Compatible Differential Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

RC001 Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  RC001 Datasheet HTML 1Page - Nel Frequency Controls,inc RC001 Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operating Conditions and Output Characteristics
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Frequency
20.000 MHz
250.000 MHz
Duty Cycle
@VCC -1.29
45/55%
55/45%
Logic 0
VOL
VCC -1.95 V
VCC -1.60 V
Logic 1
VOH
VCC -1.15 V
VCC -0.90 V
Rise & Fall Time
tr, tf
20-80% VO
600 psec
Jitter, RMS
12 kHz to 20 MHz
5 psec
Frequency Stability
dF/F
User Specified
-100 ppm
+100 ppm
Output Skew
±30 psec
General Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Supply Voltage
VCC
3.3V±10%
2.97 V
3.3 V
3.63 V
Supply Current(1)
ICC
VCC or Ground Current
0.0 mA
900 mA
Output Current
IO
Low level Output Current
0.0 mA
±50.0 mA
Operating Temperature
T
A
-0oC
70oC
Storage Temperature
T
S
-55oC
125oC
Footnote:
1) All outputs terminated by 50 ohm to VCC -2V
RC001 Redundant Clock Module
Positive ECL Compatible Differential Output
U.S. Patent 6,970,045 0314C Rev F
Test Circuit
Output Waveform
Test Circuit uses a split supply of
+2V and -1.3V for ease of testing.
Test Circuit
A2


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn