Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF1107W Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BF1107W
Description  N-channel single gate MOS-FETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1107W Datasheet(HTML) 5 Page - NXP Semiconductors

  BF1107W Datasheet HTML 1Page - NXP Semiconductors BF1107W Datasheet HTML 2Page - NXP Semiconductors BF1107W Datasheet HTML 3Page - NXP Semiconductors BF1107W Datasheet HTML 4Page - NXP Semiconductors BF1107W Datasheet HTML 5Page - NXP Semiconductors BF1107W Datasheet HTML 6Page - NXP Semiconductors BF1107W Datasheet HTML 7Page - NXP Semiconductors BF1107W Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1999 May 14
5
Philips Semiconductors
Product specification
N-channel single gate MOS-FETs
BF1107; BF1107W
PACKAGE OUTLINES
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
97-02-28
IEC
JEDEC
EIAJ
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface mounted package; 3 leads
SOT23


Similar Part No. - BF1107W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1107 NXP-BF1107 Datasheet
60Kb / 8P
   N-channel single gate MOSFET
Rev. 04-9 January 2007
BF1107 NXP-BF1107 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
VBsemi Electronics Co.,...
BF1107 VBSEMI-BF1107 Datasheet
981Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Quanzhou Jinmei Electro...
BF1107 JMNIC-BF1107_15 Datasheet
66Kb / 8P
   N-channel single gate MOS-FETs
BF1107_2015 JMNIC-BF1107_2015 Datasheet
66Kb / 8P
   N-channel single gate MOS-FETs
More results

Similar Description - BF1107W

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF1107_2015 JMNIC-BF1107_2015 Datasheet
66Kb / 8P
   N-channel single gate MOS-FETs
BF1107 JMNIC-BF1107_15 Datasheet
66Kb / 8P
   N-channel single gate MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
BF909 NXP-BF909 Datasheet
320Kb / 12P
   N-channel dual gate MOS-FETs
Rev. 02-19 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com