Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PJ-A2D00 Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part No. PJ-A2D00
Description  CRYSTAL CLOCK OSCILLATORS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEL [Nel Frequency Controls,inc]
Homepage  http://www.nelfc.com
Logo 

PJ-A2D00 Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
PJ-A2D00 Series
Continued
LVDS
Operating Conditions and Output Characteristics
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Frequency
-----
-----
80.0MHz
-----
312.5MHz
Duty Cycle
(2)
-----
@ V
O /2
45/55%
-----
55/45%
Logic 0
(2)
V
OL
-----
0.80V
-----
1.10V
Logic 1
(2)
V
OH
-----
1.25V
-----
1.55V
Differential Voltage
(2)
V
OD
-----
250 mV
-----
450 mV
Disable Voltage
-----
V
EE=0V
-----
-----
0.8V
Enable Voltage
(5)
-----
V
EE=0V
2.0V
-----
-----
Rise & Fall Time
(2)
tr,tf
20-80%V
O
-----
0.8 ns
1.0 ns
Tpd
(4)
-----
-----
-0.5 ns
-----
+0.5 ns
Jitter, RMS
(3)
-----
-----
-----
-----
3 psec
Frequency Stability
(1)
dF/F
Overall conditions including:
-100ppm
-----
+100ppm
voltage, calibration, temp.,
10 yr aging, shock, vibration
General Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Supply Voltage
V
CC
-----
3.135V
3.3V
3.465V
Supply Current
I
CC
-----
0.0 mA
-----
80 mA
Output current
I
O
Continuous Output Current
0.0 mA
-----
±50.0 mA
Operating temperature
T
A
------
0°C
-----
70°C
Storage temperature
T
S
-----
-55°C
-----
125°C
Power Dissipation
P
D
-----
-----
-----
277 mW
Solder temperature
T
L
4 minutes
-----
-----
253°C
Load
100 ohms across differential outputs
Start-up time
t
S
-----
-----
2 ms
10 ms
Environmental and Mechanical Characteristics
Mechanical Shock
Per MIL-STD-202, Method 213, Condition E
Thermal Shock
Per MIL-STD-883, Method 1011, Condition A
Vibration
0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55Hz to 2000 Hz
Hermetic Seal
Leak rate less than 1 x 10
-8 atm.cc/sec of helium
Footnotes:
1) Standard frequency stability (±20,±25,±50ppm & others available)
2) With Load of 100 ohms across differential outputs.
3) Jitter performance is frequency dependent. Please contact factory for full Wavecrest characterization.
RMS jitter bandwidth of 12kHz to 20MHz.
4) Tpd is phase shift between the falling edge of pin 4 and the rising edge of pin 5.
5) Open to enable pin also enables the output
Rev. J
CRYSTAL CLOCK OSCILLATORS
PJ - A2D0X - FREQ
Package Code
Tolerance/Performance
PJ
6 J Lead SMD
0 ±100ppm 0-70°C
1 ±50ppm 0-70°C
7 ±25ppm 0-70°C
Input Voltage
9 Customer Specific
Code
Specification
A ±20ppm 0-70°C
A
3.3V
B ±50ppm -40 to +85°C
B
2. 5V
C ±100ppm -40 to +85°C
5V
Creating a Part Number
Data Sheet 0208E


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HS-1200CRYSTAL CLOCK OSCILLATORS 1 2 List of Unclassifed Manufacturers
SC-A1470CRYSTAL CLOCK OSCILLATORS 1 2 List of Unclassifed Manufacturers
HS-600Crystal Clock Oscillators 1 2 Nel Frequency Controls,inc
HS-A1440CRYSTAL CLOCK OSCILLATORS 1 2 Nel Frequency Controls,inc
SJ-A870CRYSTAL CLOCK OSCILLATORS 1 2 Nel Frequency Controls,inc
HS-A1450CRYSTAL CLOCK OSCILLATORS 1 2 Nel Frequency Controls,inc
SJ-B2870CRYSTAL CLOCK OSCILLATORS 1 2 Nel Frequency Controls,inc
SK-2900CRYSTAL CLOCK OSCILLATORS 1 2 List of Unclassifed Manufacturers
K1400A5V Crystal Clock Oscillators 1 2 MTRONPTI
SJ-A2870CRYSTAL CLOCK OSCILLATORS 1 2 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn