Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-A1450 Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part No. HS-A1450
Description  CRYSTAL CLOCK OSCILLATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

HS-A1450 Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  HS-A1450 Datasheet HTML 1Page - Nel Frequency Controls,inc HS-A1450 Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
CMOS
HS-A1450 Series
Description
The HS-A1450 Series of quartz crystal oscillators provide enable/disable 3-state CMOS compatible signals
for bus connected systems. Supplying Pin 1 of the HS-A1450 units with a logic “1" or open enables its pin 8
output. In the disabled mode, pin 8 presents a high impedance to the load. All units are designed to
survive wave soldering operations without damage.
Features
• Wide frequency range– 4.0MHz to 40.0MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 3000g
• All metal, resistance weld, hermetically sealed
package
• 3.3 Volt operation
• Low Jitter
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• Low power consumption
• Gold plated leads - Solder dipped leads available
upon request
• TTL compatible (HCT) at specified supply voltage
• RoHS Compliant, Lead Free Construction
(unless solder dipped leads are supplied)
Electrical Connection
Pin
Connection
1
Enable Input
7
Grd & Case
8
Output
14
V
DD
Dimensions are in inches and (MM)
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0012U
Rev. F


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HS-1200 CRYSTAL CLOCK OSCILLATORS 1  2  List of Unclassifed Manufacturers
SC-A1470 CRYSTAL CLOCK OSCILLATORS 1  2  List of Unclassifed Manufacturers
HS-600 Crystal Clock Oscillators 1  2  Nel Frequency Controls,inc
HS-A1440 CRYSTAL CLOCK OSCILLATORS 1  2  Nel Frequency Controls,inc
SJ-A870 CRYSTAL CLOCK OSCILLATORS 1  2  Nel Frequency Controls,inc
PJ-A2980 CRYSTAL CLOCK OSCILLATORS 1  2  Nel Frequency Controls,inc
SJ-B2870 CRYSTAL CLOCK OSCILLATORS 1  2  Nel Frequency Controls,inc
SK-2900 CRYSTAL CLOCK OSCILLATORS 1  2  List of Unclassifed Manufacturers
K1400A 5V Crystal Clock Oscillators 1  2  MTRONPTI
SJ-A2870 CRYSTAL CLOCK OSCILLATORS 1  2  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn