Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HS-A1440 Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part No. HS-A1440
Description  CRYSTAL CLOCK OSCILLATORS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEL [Nel Frequency Controls,inc]
Homepage  http://www.nelfc.com
Logo 

HS-A1440 Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
HS-A1440 Series
Continued
CMOS
Operating Conditions and Output Characteristics
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Frequency
-----
-----
70.1MHz
-----
125.0MHz
Duty Cycle
-----
@ V
DD /2
45/55%
-----
55/45%
Logic 0
V
OL
@ 600µA
-----
0.1V
0.2V
Logic 1
V
OH
@ 600µA
V
DD-0.2V
V
CD-0.1V
-----
Rise & Fall Time
tr,tf
10-90%
-----
1 ns
2 ns
Tpz
-----
-----
-----
-----
100 ns
Jitter, RMS(2)
-----
-----
-----
-----
5 psec
Frequency Stability (1)
dF/F
Overall conditions including:
-100ppm
-----
+100ppm
voltage, calibration, temp.,
10 yr aging, shock, vibration
General Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Supply Voltage
V
DD
-----
3.135V
3.3V
3.465V
Supply Current
I
DD
No Load
0.0 mA
40mA
60mA
Output current
I
O
-----
0.0 mA
-----
±25.0 mA
Operating temperature
T
A
-----
0°C
-----
70°C
Storage temperature
T
S
-----
-55°C
-----
125°C
Power Dissipation
P
D
-----
-----
-----
208 mW
Lead temperature
T
L
Soldering, 10 sec.
-----
-----
300°C
Load
----
-----
-----
-----
15pf
Start-up time
t
S
-----
-----
2 ms
10 ms
Environmental and Mechanical Characteristics
Mechanical Shock Per MIL-STD-202, Method 213, Condition E
Thermal Shock
Per MIL-STD-833, Method 1011, Condition A
Vibration
0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55Hz to 2000 Hz
Soldering Condition
300°C for 10 seconds
Hermetic Seal
Leak rate less than 1 x 10 -8 atm.cc/sec of helium
Footnotes:
1) Standard frequency stability (±20,±25,±50ppm & others available)
2) Jitter performance is frequency dependent. Please contact factory for full characterization.
RMS jitter bandwidth of 12kHz to 20MHz.
Test Load:
Rev. G
CRYSTAL CLOCK OSCILLATORS
HS - A144X - FREQ
Package Code
Tolerance/Performance
HS Leaded 4 pin (14 pin)
0 ±100ppm 0-70°C
SM Leaded 4 pin (14 pin) SMD
1 ±50ppm 0-70°C
Gull Wing
7 ±25ppm 0-70°C
Input Voltage
9 Customer Specific
Code Specification
A ±20ppm 0-70°C
A
3.3V
B ±50ppm -40 to +85°C
5V
C ±100ppm -40 to +85°C
Creating a Part Number
Data Sheet 0012M


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HS-1200CRYSTAL CLOCK OSCILLATORS 1 2 List of Unclassifed Manufacturers
SC-A1470CRYSTAL CLOCK OSCILLATORS 1 2 List of Unclassifed Manufacturers
HS-600Crystal Clock Oscillators 1 2 Nel Frequency Controls,inc
HS-A1450CRYSTAL CLOCK OSCILLATORS 1 2 Nel Frequency Controls,inc
SJ-A870CRYSTAL CLOCK OSCILLATORS 1 2 Nel Frequency Controls,inc
PJ-A2980CRYSTAL CLOCK OSCILLATORS 1 2 Nel Frequency Controls,inc
SJ-B2870CRYSTAL CLOCK OSCILLATORS 1 2 Nel Frequency Controls,inc
SK-2900CRYSTAL CLOCK OSCILLATORS 1 2 List of Unclassifed Manufacturers
K1400A5V Crystal Clock Oscillators 1 2 MTRONPTI
SJ-A2870CRYSTAL CLOCK OSCILLATORS 1 2 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn