Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BF1102 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. BF1102
Description  Dual N-channel dual gate MOS-FET
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BF1102 Datasheet(HTML) 6 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1999 Jul 08
6
Philips Semiconductors
Preliminary specification
Dual N-channel dual gate MOS-FET
BF1102
Fig.7
Drain current as a function of gate 1 current;
typical values.
VDS =5 V; VG2-S =4 V; Tj =25
°C.
handbook, halfpage
020
60
25
0
5
20
15
10
MGS364
40
ID
(mA)
IG1 (µA)
Fig.8
Drain current as a function of gate 1
supply voltage (= VGG); typical values.
VDS =5 V; VG2-S =4 V; Tj =25 °C.
RG1 =120 k
Ω (connected to VGG); see Fig.17.
handbook, halfpage
0
15
10
5
0
1
MGS365
23
5
4
ID
(mA)
VGG (V)
Fig.9
Drain current as a function of gate 1 (= VGG)
and drain supply voltage; typical values.
VG2-S =4 V; Tj =25
°C.
RG1 connected to VGG; see Fig.17.
handbook, halfpage
010
30
0
10
20
MGS366
2468
ID
(mA)
VGG = VDS (V)
RG1 = 47 kΩ
68 k
82 k
100 k
120 k
150 k
180 k
220 k
VDS =5 V; Tj =25 °C.
RG1 =120 k
Ω (connected to VGG); see Fig.17.
Fig.10 Drain current as a function of gate 2 voltage;
typical values.
handbook, halfpage
02
6
20
0
16
MGS367
4
12
8
4
VG2-S (V)
ID
(mA)
4.5 V
4 V
3.5 V
3 V
VG1-S = 5 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn