Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BF1102 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. BF1102
Description  Dual N-channel dual gate MOS-FET
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BF1102 Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1999 Jul 08
5
Philips Semiconductors
Preliminary specification
Dual N-channel dual gate MOS-FET
BF1102
ALL GRAPHS FOR ONE MOS-FET
Fig.3 Transfer characteristics; typical values.
VDS =5 V.
Tj =25 °C.
handbook, halfpage
0
30
20
10
0
0.8
0.4
2.4
2.0
1.6
1.2
MGS360
VG1-S (V)
2.5 V
2 V
1.5 V
1 V
3.5 V
3 V
VG2-S = 4 V
ID
(mA)
Fig.4 Output characteristics; typical values.
VG2-S =4 V.
Tj =25 °C.
handbook, halfpage
010
30
10
0
20
MGS361
24
6
8
VDS (V)
ID
(mA)
1.4 V
1.3 V
1.2 V
1.1 V
1 V
VG1-S = 1.5 V
Fig.5
Gate 1 current as a function of gate 1
voltage; typical values.
VDS =5 V.
Tj =25
°C.
handbook, halfpage
0
160
80
120
40
0
0.5
2.5
MGS362
1
1.5
2
IG1
(
µA)
VG1-S (V)
2.5 V
2 V
3.5 V
3 V
VG2-S = 4 V
Fig.6
Forward transfer admittance as a
function of drain current; typical values.
VDS =5 V.
Tj =25
°C.
handbook, halfpage
010
30
50
0
40
MGS363
20
30
20
10
ID (mA)
|yfs|
(mS)
3.5 V
3 V
VG2-S = 4 V
2.5 V
2 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn