Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3S12HZ256J3MAL Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

Part # MC3S12HZ256J3MAL
Description  HCS12 Microcontrollers
Download  692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC3S12HZ256J3MAL Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button MC3S12HZ256J3MAL Datasheet HTML 96Page - Freescale Semiconductor, Inc MC3S12HZ256J3MAL Datasheet HTML 97Page - Freescale Semiconductor, Inc MC3S12HZ256J3MAL Datasheet HTML 98Page - Freescale Semiconductor, Inc MC3S12HZ256J3MAL Datasheet HTML 99Page - Freescale Semiconductor, Inc MC3S12HZ256J3MAL Datasheet HTML 100Page - Freescale Semiconductor, Inc MC3S12HZ256J3MAL Datasheet HTML 101Page - Freescale Semiconductor, Inc MC3S12HZ256J3MAL Datasheet HTML 102Page - Freescale Semiconductor, Inc MC3S12HZ256J3MAL Datasheet HTML 103Page - Freescale Semiconductor, Inc MC3S12HZ256J3MAL Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 692 page
background image
Chapter 3 2 Kbyte EEPROM Module (EETS2KV1)
MC9S12HZ256 Data Sheet, Rev. 2.04
100
Freescale Semiconductor
All bits in the ECLKDIV register are readable while bits 6-0 are write once and bit 7 is not writable.
3.3.2.2
RESERVED1
This register is reserved for factory testing and is not accessible to the user.
All bits read 0 and are not writable.
3.3.2.3
RESERVED2
This register is reserved for factory testing and is not accessible to the user.
76543210
R
EDIVLD
PRDIV8
EDIV5
EDIV4
EDIV3
EDIV2
EDIV1
EDIV0
W
Reset
0
0
0
00000
= Unimplemented or Reserved
Figure 3-4. EEPROM Clock Divider Register (ECLKDIV)
Table 3-3. ECLKDIV Field Descriptions
Field
Description
7
EDIVLD
Clock Divider Loaded
0 Register has not been written.
1 Register has been written to since the last reset.
6
PRDIV8
Enable Prescaler by 8
0 The oscillator clock is directly fed into the ECLKDIV divider.
1 The oscillator clock is divided by 8 before feeding into the clock divider.
5:0
EDIV[5:0]
Clock Divider Bits — The combination of PRDIV8 and EDIV[5:0] must divide the oscillator clock down to a
frequency of 150 kHz – 200 kHz. The maximum divide ratio is 512. Please refer to Section 3.4.1.1, “Writing the
ECLKDIV Register” for more information.
76543210
R
00000000
W
Reset
0
0
0
00000
= Unimplemented or Reserved
Figure 3-5. RESERVED1
76543210
R
00000000
W
Reset
0
0
0
00000
= Unimplemented or Reserved
Figure 3-6. RESERVED2


Similar Part No. - MC3S12HZ256J3MAL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC3S12HZ256J3MAL FREESCALE-MC3S12HZ256J3MAL Datasheet
3Mb / 692P
   Microcontrollers
More results

Similar Description - MC3S12HZ256J3MAL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12E128 FREESCALE-MC9S12E128 Datasheet
3Mb / 606P
   HCS12 Microcontrollers
MC9S12XS128MAL FREESCALE-MC9S12XS128MAL Datasheet
9Mb / 738P
   HCS12 Microcontrollers
logo
Motorola, Inc
HCS12 MOTOROLA-HCS12 Datasheet
311Kb / 34P
   HCS12 Microcontrollers
logo
Freescale Semiconductor...
MC9S12XS256 FREESCALE-MC9S12XS256 Datasheet
9Mb / 736P
   HCS12 Microcontrollers
HCS12 FREESCALE-HCS12 Datasheet
1Mb / 452P
   HCS12 Microcontrollers
MC9S12E256 FREESCALE-MC9S12E256 Datasheet
3Mb / 602P
   HCS12 Microcontrollers
MC9S12Q128 FREESCALE-MC9S12Q128_10 Datasheet
3Mb / 644P
   HCS12 Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128_1 Datasheet
2Mb / 546P
   HCS12 Microcontrollers
MC9S12XS256 FREESCALE-MC9S12XS256_1 Datasheet
9Mb / 738P
   HCS12 Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128_10 Datasheet
3Mb / 606P
   HCS12 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com