Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

8261J80AKE22 Datasheet(PDF) 4 Page - ITT Industries

Part No. 8261J80AKE22
Description  Alternate Action and Momentary Pushbutton Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8261J80AKE22 Datasheet(HTML) 4 Page - ITT Industries

  8261J80AKE22 Datasheet HTML 1Page - ITT Industries 8261J80AKE22 Datasheet HTML 2Page - ITT Industries 8261J80AKE22 Datasheet HTML 3Page - ITT Industries 8261J80AKE22 Datasheet HTML 4Page - ITT Industries 8261J80AKE22 Datasheet HTML 5Page - ITT Industries 8261J80AKE22 Datasheet HTML 6Page - ITT Industries 8261J80AKE22 Datasheet HTML 7Page - ITT Industries 8261J80AKE22 Datasheet HTML 8Page - ITT Industries 8261J80AKE22 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
A–53
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K 8060 Series
Alternate Action and Momentary Pushbutton Switches
PLUNGER
BUSHING
1/4±40 UNS-2A
NONE
NO BUSHING CHOICE REQUIRED
(JXX ACTUATORS)
Y3
7.6mm THREADED, KEYWAY
H9 .300" HIGH UNTHREADED, FLAT
H
.300" HIGH THREADED, FLAT
L1
PLUNGER WITH CAP P/N 8940
L
PLUNGER WITH CAP P/N 8941
S2
PLUNGER WITH CAP P/N 8018
S1
PLUNGER WITH CAP P/N 7089
S
PLUNGER WITH CAP P/N 7527
2
BLACK
1
WHITE
3
RED
4
ORANGE
5
YELLOW
9
GRAY
CAP COLOR
OPTION
CODE
NOTE: When selecting plunger and cap option, bushing selection must also be made, see below.
Withstands 12 in./lbs. of torque with no distortion.
H bushing standard with C, W, Z or Z3 terminations.
H9 bushing standard with A, A3, AV2, AV3, or
V3-V31 terminations.
Withstands 12 in./lbs. of torque with no distortion.
Cap Finish: gloss. Cap supplied not installed.
Other colors available, consult Customer
Service Center.
NOTE. Two mounting nuts, locking ring and lockwasher supplied standard with threaded bushings.
Optional mounting nut and locking ring styles and finishes available, see section “Technical Data and
Additional Hardware”.
NOTE: When selecting bushing option, plunger selection must also be made, see above. No bushing option choice required when any JXX actuator option is selected.
ACTUATOR OR PLUNGER
CAP COLOR
A


Similar Part No. - 8261J80AKE22

ManufacturerPart No.DatasheetDescription
Filtran LTD
Filtran LTD
8261 FILTRAN-8261 Datasheet
172Kb / 1P
   LAN 10/100 Base-T Single Port Transformer Module
Mallory performance club
Mallory performance clu...
8261 MALLORY-8261 Datasheet
289Kb / 4P
   MSD HVC-2 Coil
API Technologies Corp
API Technologies Corp
8261 APITECH-8261 Datasheet
589Kb / 1P
   10/100 BASE-T Single Port Transformer Module
8261-8263 APITECH-8261-8263 Datasheet
589Kb / 1P
   10/100 BASE-T Single Port Transformer Module
More results

Similar Description - 8261J80AKE22

ManufacturerPart No.DatasheetDescription
C&K Components
C&K Components
8060 CK-COMPONENTS-8060 Datasheet
726Kb / 10P
   Alternate Action and Momentary Pushbutton Switches
PN11SBNA03QE CK-COMPONENTS-PN11SBNA03QE Datasheet
314Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
PN11 CK-COMPONENTS-PN11 Datasheet
306Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
ITT Industries
ITT Industries
PN11SBNA03QE ITT-PN11SBNA03QE Datasheet
430Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
List of Unclassifed Manufacturers
List of Unclassifed Man...
PS1-100Q ETC2-PS1-100Q Datasheet
720Kb / 11P
   Sensitive Snap-Action Pushbutton Switches ??Solder and P.C. Terminals (Momentary Action)
7199K102 ETC2-7199K102 Datasheet
169Kb / 1P
   General Purpose Alternate and Momentary Pushbutton Switches - Ac/Dc Rated
PB-12331ZQ ETC2-PB-12331ZQ Datasheet
200Kb / 4P
   Standard Ordering Table . Pushbutton Switches . Panelmount Maintained and Momentary Action (SPDT)
PB-12333ZG ETC2-PB-12333ZG Datasheet
201Kb / 3P
   Standard Ordering Table ??Pushbutton Switches ??Panelmount Maintained and Momentary Action (SPDT)
ITT Industries
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
   Sealed Momentary Pushbutton Switches
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz