Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8240YRM Datasheet(PDF) 10 Page - Analog Devices

Part # AD8240YRM
Description  LED Driver/Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8240YRM Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8240YRM Datasheet HTML 4Page - Analog Devices AD8240YRM Datasheet HTML 5Page - Analog Devices AD8240YRM Datasheet HTML 6Page - Analog Devices AD8240YRM Datasheet HTML 7Page - Analog Devices AD8240YRM Datasheet HTML 8Page - Analog Devices AD8240YRM Datasheet HTML 9Page - Analog Devices AD8240YRM Datasheet HTML 10Page - Analog Devices AD8240YRM Datasheet HTML 11Page - Analog Devices AD8240YRM Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD8240
Rev. 0 | Page 10 of 12
OUTLINE DIMENSIONS
0.80
0.60
0.40
4
85
4.90
BSC
PIN 1
0.65 BSC
3.00
BSC
SEATING
PLANE
0.15
0.00
0.38
0.22
1.10 MAX
3.00
BSC
COPLANARITY
0.10
0.23
0.08
COMPLIANT TO JEDEC STANDARDS MO-187AA
Figure 4. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters


Similar Part No. - AD8240YRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8240 AD-AD8240_15 Datasheet
224Kb / 12P
   LED Driver/Monitor
REV. 0
More results

Similar Description - AD8240YRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8240 AD-AD8240_15 Datasheet
224Kb / 12P
   LED Driver/Monitor
REV. 0
logo
Texas Instruments
TLC5960 TI-TLC5960 Datasheet
682Kb / 33P
[Old version datasheet]   Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
TLS2205 TI-TLS2205 Datasheet
775Kb / 31P
[Old version datasheet]   VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
logo
Linear Technology
LT3796 LINER-LT3796 Datasheet
331Kb / 8P
   100V LED Controller with Current Monitor
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com