Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM1404BRNIQ6F Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM1404BRNIQ6F
Description  Security Supervisor with Battery Switchover
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404BRNIQ6F Datasheet(HTML) 5 Page - STMicroelectronics

  STM1404BRNIQ6F Datasheet HTML 1Page - STMicroelectronics STM1404BRNIQ6F Datasheet HTML 2Page - STMicroelectronics STM1404BRNIQ6F Datasheet HTML 3Page - STMicroelectronics STM1404BRNIQ6F Datasheet HTML 4Page - STMicroelectronics STM1404BRNIQ6F Datasheet HTML 5Page - STMicroelectronics STM1404BRNIQ6F Datasheet HTML 6Page - STMicroelectronics STM1404BRNIQ6F Datasheet HTML 7Page - STMicroelectronics STM1404BRNIQ6F Datasheet HTML 8Page - STMicroelectronics STM1404BRNIQ6F Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
STM1404
TAMPER DETECTION
Physical
There are four (4) high-impedance physical
tamper detect input pins, 2 normally set to High
(NH) and 2 normally set to Low (NL). Each input is
designed with a glitch immunity. These inputs can
be connected externally to several types of actua-
tor devices (e.g., switches, wire mesh). A tamper
on any one of the four inputs that causes its state
to change will trigger the security alarm (SAL) and
drive it to active-low. Once the tamper condition no
longer exists, the SAL will return to its normal High
state.
TP1 and TP3 are set Normally to High (NH). They
are connected externally through a closed switch
or a high-impedance resistor to VOUT (in the case
of STM1404A or STM1404A) or VTPU (in the case
of STM1404B/C), A tamper condition will be de-
tected when the input pin is pulled low. If not used,
tie the pin to VOUT or VTPU.
TP2 and TP4 are set Normally to Low (NL). They
are connected externally through a high-imped-
ance resistor or a closed switch to VSS. A tamper
condition will be detected when the input pin is
pulled high. If not used, tie the pin to VSS.
Supply Voltage
The internally switched supply voltage, VINT (ei-
ther VCC input or VBAT input) is continuously mon-
itored. If VINT should exceed the over voltage trip
point, VHV (set at 4.2V, typical), or should go below
the under voltage trip point, VLV (set at 2.0v, typi-
cal). SAL will be driven active-low. Once the
tamper condition no longer exists, the SAL pin will
return to its normal High state.
Temperature
The STM1404 has a built-in, bandgap-based sen-
sor to monitor the temperature. If a preset (cus-
tomer-selectable,
factory-programmed)
over-
temperature trip point (TH) or under-temperature
trip point (TL) is exceeded, the SAL is asserted
low.
When no tamper condition exists, SAL is normally
High.
When a tamper is detected, the SAL is activated
(driven low), independent of the part type. VOUT
can be driven to one of three states, depending on
which variant of STM1404 is being used (see De-
vice Options, page 1):
ON;
High-Z; or
Ground (VSS).
Note: The STM1404 must be initially powered
above VRST to enable the tamper detection
alarms. For example, if the battery is on while VCC
= 0V, no alarm condition can be detected until VCC
rises above VRST (and trec expires). From this
point on, alarms can be detected either on battery
or VCC. This is done to avoid false alarms when
the device goes from no power to its operational
state.


Similar Part No. - STM1404BRNIQ6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1404BRNBQ6F STMICROELECTRONICS-STM1404BRNBQ6F Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
STM1404BRNCQ6F STMICROELECTRONICS-STM1404BRNCQ6F Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
STM1404BRNDQ6F STMICROELECTRONICS-STM1404BRNDQ6F Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
More results

Similar Description - STM1404BRNIQ6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1403 STMICROELECTRONICS-STM1403 Datasheet
162Kb / 9P
   3V FIPS-140 Security Supervisor with Battery Switchover
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
   3 V FIPS-140 security supervisor with battery switchover
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
   3V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
   3V Supervisor with Battery Switchover
STM690A STMICROELECTRONICS-STM690A Datasheet
773Kb / 37P
   5V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
   3 V supervisor with battery switchover
STM690A STMICROELECTRONICS-STM690A_10 Datasheet
1Mb / 43P
   5 V supervisor with battery switchover
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
   Serial RTC with battery switchover
logo
Maxim Integrated Produc...
MAX4959 MAXIM-MAX4959 Datasheet
335Kb / 17P
   High-Voltage OVP with Battery Switchover
Rev 0; 7/07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com