Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3S12HZ256J3MAL Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # S3S12HZ256J3MAL
Description  HCS12 Microcontrollers
Download  692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S3S12HZ256J3MAL Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button S3S12HZ256J3MAL Datasheet HTML 57Page - Freescale Semiconductor, Inc S3S12HZ256J3MAL Datasheet HTML 58Page - Freescale Semiconductor, Inc S3S12HZ256J3MAL Datasheet HTML 59Page - Freescale Semiconductor, Inc S3S12HZ256J3MAL Datasheet HTML 60Page - Freescale Semiconductor, Inc S3S12HZ256J3MAL Datasheet HTML 61Page - Freescale Semiconductor, Inc S3S12HZ256J3MAL Datasheet HTML 62Page - Freescale Semiconductor, Inc S3S12HZ256J3MAL Datasheet HTML 63Page - Freescale Semiconductor, Inc S3S12HZ256J3MAL Datasheet HTML 64Page - Freescale Semiconductor, Inc S3S12HZ256J3MAL Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 692 page
background image
Chapter 2 256 Kbyte Flash Module (FTS256K2V1)
MC9S12HZ256 Data Sheet, Rev. 2.04
Freescale Semiconductor
61
Figure 2-2. Flash Memory Map
0x30
0x31
0x32
0x33
0x34
0x35
0x36
0x37
Block 1
Flash Registers
MODULE BASE + 0x0000
0xFF00 – 0xFF0F, Flash Configuration Field
MODULE BASE + 0x000F
0x8000
(16 bytes)
Flash Protected Low Sectors
1, 2, 4, 8 Kbytes
FLASH_START = 0x4000
0x5000
0x4400
0x6000
16K PAGED
MEMORY
0x38
0x39
0x3A
0x3B
0x3E
0x3C
0x3D
0x3E
0x3F
Note: 0x30–0x3F correspond to the PPAGE register content
FLASH_END = 0xFFFF
0xF800
0xF000
0xC000
0xE000
Flash Protected High Sectors
2, 4, 8, 16 Kbytes
0x3F
Block 0
0x4800
Flash Blocks


Similar Part No. - S3S12HZ256J3MAL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
S3S12HZ256J3MAL FREESCALE-S3S12HZ256J3MAL Datasheet
3Mb / 692P
   Microcontrollers
More results

Similar Description - S3S12HZ256J3MAL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12E128 FREESCALE-MC9S12E128 Datasheet
3Mb / 606P
   HCS12 Microcontrollers
MC9S12XS128MAL FREESCALE-MC9S12XS128MAL Datasheet
9Mb / 738P
   HCS12 Microcontrollers
logo
Motorola, Inc
HCS12 MOTOROLA-HCS12 Datasheet
311Kb / 34P
   HCS12 Microcontrollers
logo
Freescale Semiconductor...
MC9S12XS256 FREESCALE-MC9S12XS256 Datasheet
9Mb / 736P
   HCS12 Microcontrollers
HCS12 FREESCALE-HCS12 Datasheet
1Mb / 452P
   HCS12 Microcontrollers
MC9S12E256 FREESCALE-MC9S12E256 Datasheet
3Mb / 602P
   HCS12 Microcontrollers
MC9S12Q128 FREESCALE-MC9S12Q128_10 Datasheet
3Mb / 644P
   HCS12 Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128_1 Datasheet
2Mb / 546P
   HCS12 Microcontrollers
MC9S12XS256 FREESCALE-MC9S12XS256_1 Datasheet
9Mb / 738P
   HCS12 Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128_10 Datasheet
3Mb / 606P
   HCS12 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com