Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3S12HZ256J3MAL Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # S3S12HZ256J3MAL
Description  HCS12 Microcontrollers
Download  692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S3S12HZ256J3MAL Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button S3S12HZ256J3MAL Datasheet HTML 25Page - Freescale Semiconductor, Inc S3S12HZ256J3MAL Datasheet HTML 26Page - Freescale Semiconductor, Inc S3S12HZ256J3MAL Datasheet HTML 27Page - Freescale Semiconductor, Inc S3S12HZ256J3MAL Datasheet HTML 28Page - Freescale Semiconductor, Inc S3S12HZ256J3MAL Datasheet HTML 29Page - Freescale Semiconductor, Inc S3S12HZ256J3MAL Datasheet HTML 30Page - Freescale Semiconductor, Inc S3S12HZ256J3MAL Datasheet HTML 31Page - Freescale Semiconductor, Inc S3S12HZ256J3MAL Datasheet HTML 32Page - Freescale Semiconductor, Inc S3S12HZ256J3MAL Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 692 page
background image
Chapter 1 MC9S12HZ256 Device Overview
MC9S12HZ256 Data Sheet, Rev. 2.04
Freescale Semiconductor
29
Figure 1-5 shows the device memory map for the MC3S12HZ32 and MC93S12HN32 out of reset.
Figure 1-5. MC3S12HZ32 and MC3S12HN32 Memory Map
Table 1-5. MC3S12HZ32 and MC3S12HN32 RAM mapping options
INITRM1
1 User must initialize RAM13, RAM12 and RAM11 bits to the same value as RAMHAL bit
RAM location
Reserved location
(no ROM access)
0x00
0x0000 - 0x07FF
0x0800 - 0x2FFF
0x39
0x3800 - 0x3FFF
0x1000 - 0x37FF
0x40
0x4000 - 0x47FF
0x4800 - 0x6FFF
0x79
0x7800 - 0x7FFF
0x5000 - 0x77FF
0x80
0x8000 - 0x87FF
0x8800 - 0xAFFF
0xB9
0xB800 - 0xBFFF
0x9000 - 0xB7FF
0xC0
0xC000 - 0xC7FF
0xC800 - 0xEFFF
0xF9
0xF800 - 0xFFFF
0xD000 - 0xF7FF
0x0000
0xFFFF
0xC000
0x8000
0x4000
0x0400
0x0800
0xFF00
NORMAL
SINGLE CHIP
SPECIAL
SINGLE CHIP
VECTORS
VECTORS
0xFF00
0xFFFF
BDM
(If Active)
0xC000
0xFFFF
16K Fixed ROM
2K, 4K, 8K or 16K Protected Boot Sector
0x8000
0xBFFF
16K Page Window
Two * 16K ROM Pages
0x4000
0x7FFF
16K Fixed ROM
0.5K, 1K, 2K or 4K Protected Sector
0x3800
0x3FFF
0x0000
0x03FF
1K Register Space
Mappable to any 2K Boundary
2K Bytes RAM
0x3800
See table below for mapping options


Similar Part No. - S3S12HZ256J3MAL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
S3S12HZ256J3MAL FREESCALE-S3S12HZ256J3MAL Datasheet
3Mb / 692P
   Microcontrollers
More results

Similar Description - S3S12HZ256J3MAL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12E128 FREESCALE-MC9S12E128 Datasheet
3Mb / 606P
   HCS12 Microcontrollers
MC9S12XS128MAL FREESCALE-MC9S12XS128MAL Datasheet
9Mb / 738P
   HCS12 Microcontrollers
logo
Motorola, Inc
HCS12 MOTOROLA-HCS12 Datasheet
311Kb / 34P
   HCS12 Microcontrollers
logo
Freescale Semiconductor...
MC9S12XS256 FREESCALE-MC9S12XS256 Datasheet
9Mb / 736P
   HCS12 Microcontrollers
HCS12 FREESCALE-HCS12 Datasheet
1Mb / 452P
   HCS12 Microcontrollers
MC9S12E256 FREESCALE-MC9S12E256 Datasheet
3Mb / 602P
   HCS12 Microcontrollers
MC9S12Q128 FREESCALE-MC9S12Q128_10 Datasheet
3Mb / 644P
   HCS12 Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128_1 Datasheet
2Mb / 546P
   HCS12 Microcontrollers
MC9S12XS256 FREESCALE-MC9S12XS256_1 Datasheet
9Mb / 738P
   HCS12 Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128_10 Datasheet
3Mb / 606P
   HCS12 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com