Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9S12HZ256J3MAL Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # S9S12HZ256J3MAL
Description  HCS12 Microcontrollers
Download  692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S12HZ256J3MAL Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button S9S12HZ256J3MAL Datasheet HTML 91Page - Freescale Semiconductor, Inc S9S12HZ256J3MAL Datasheet HTML 92Page - Freescale Semiconductor, Inc S9S12HZ256J3MAL Datasheet HTML 93Page - Freescale Semiconductor, Inc S9S12HZ256J3MAL Datasheet HTML 94Page - Freescale Semiconductor, Inc S9S12HZ256J3MAL Datasheet HTML 95Page - Freescale Semiconductor, Inc S9S12HZ256J3MAL Datasheet HTML 96Page - Freescale Semiconductor, Inc S9S12HZ256J3MAL Datasheet HTML 97Page - Freescale Semiconductor, Inc S9S12HZ256J3MAL Datasheet HTML 98Page - Freescale Semiconductor, Inc S9S12HZ256J3MAL Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 692 page
background image
MC9S12HZ256 Data Sheet, Rev. 2.04
Freescale Semiconductor
95
Chapter 3
2 Kbyte EEPROM Module (EETS2KV1)
3.1
Introduction
This document describes the EETS2K module which is a 2 Kbyte EEPROM (nonvolatile) memory. The
EETS2K block uses a small sector Flash memory to emulate EEPROM functionality. It is an array of
electrically erasable and programmable, nonvolatile memory. The EEPROM memory is organized as 1024
rows of 2 bytes (1 word). The EEPROM memory’s erase sector size is 2 rows or 2 words (4 bytes).
The EEPROM memory may be read as either bytes, aligned words, or misaligned words. Read access time
is one bus cycle for byte and aligned word, and two bus cycles for misaligned words.
Program and erase functions are controlled by a command driven interface. Both sector erase and mass
erase of the entire EEPROM memory are supported. An erased bit reads 1 and a programmed bit reads 0.
The high voltage required to program and erase is generated internally by on-chip charge pumps.
It is not possible to read from the EEPROM memory while it is being erased or programmed.
The EEPROM memory is ideal for data storage for single-supply applications allowing for field
reprogramming without requiring external programming voltage sources.
CAUTION
An EEPROM word must be in the erased state before being programmed.
Cumulative programming of bits within a word is not allowed.
3.1.1
Glossary
Command Write Sequence — A three-step MCU instruction sequence to program, erase, or erase verify
the EEPROM.
3.1.2
Features
2 Kbytes of EEPROM memory
Minimum erase sector of 4 bytes
Automated program and erase algorithms
Interrupts on EEPROM command completion and command buffer empty
Fast sector erase and word program operation
2-stage command pipeline
Flexible protection scheme for protection against accidental program or erase
Single power supply program and erase


Similar Part No. - S9S12HZ256J3MAL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
S9S12HZ256J3MAL FREESCALE-S9S12HZ256J3MAL Datasheet
3Mb / 692P
   Microcontrollers
More results

Similar Description - S9S12HZ256J3MAL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12E128 FREESCALE-MC9S12E128 Datasheet
3Mb / 606P
   HCS12 Microcontrollers
MC9S12XS128MAL FREESCALE-MC9S12XS128MAL Datasheet
9Mb / 738P
   HCS12 Microcontrollers
logo
Motorola, Inc
HCS12 MOTOROLA-HCS12 Datasheet
311Kb / 34P
   HCS12 Microcontrollers
logo
Freescale Semiconductor...
MC9S12XS256 FREESCALE-MC9S12XS256 Datasheet
9Mb / 736P
   HCS12 Microcontrollers
HCS12 FREESCALE-HCS12 Datasheet
1Mb / 452P
   HCS12 Microcontrollers
MC9S12E256 FREESCALE-MC9S12E256 Datasheet
3Mb / 602P
   HCS12 Microcontrollers
MC9S12Q128 FREESCALE-MC9S12Q128_10 Datasheet
3Mb / 644P
   HCS12 Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128_1 Datasheet
2Mb / 546P
   HCS12 Microcontrollers
MC9S12XS256 FREESCALE-MC9S12XS256_1 Datasheet
9Mb / 738P
   HCS12 Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128_10 Datasheet
3Mb / 606P
   HCS12 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com