Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA5052RSAT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPA5052RSAT
Description  STEREO DIGITAL AUDIO LIP-SYNC DELAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA5052RSAT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA5052RSAT Datasheet HTML 2Page - Texas Instruments TPA5052RSAT Datasheet HTML 3Page - Texas Instruments TPA5052RSAT Datasheet HTML 4Page - Texas Instruments TPA5052RSAT Datasheet HTML 5Page - Texas Instruments TPA5052RSAT Datasheet HTML 6Page - Texas Instruments TPA5052RSAT Datasheet HTML 7Page - Texas Instruments TPA5052RSAT Datasheet HTML 8Page - Texas Instruments TPA5052RSAT Datasheet HTML 9Page - Texas Instruments TPA5052RSAT Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.ti.com
APPLICATION EXAMPLES
Connecting Two Devices in Series to Increase the Delay
VDD
VDD
BCLK
BCLK
LRCLK
LRCLK
DATA_OUT
DATA_OUT
DEL4
DEL4
DEL3
DEL3
DEL0
DEL0
GND
GND
Audio
Amplifier
0.1
F
m
0.1
F
m
DEL2
DEL2
DEL1
DEL1
SCLK
DATA
DATA
BCLK
LRCLK
Audio
Processor
SCLK
DATA
BCLK
LRCLK
DATA
DEVICE CURRENT CONSUMPTION
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
32
52
72
92
112
132
152
172
192
fs-SamplingFrequency-kHz
V
=3.6V
DD
V
=3.3V
DD
V
=3V
DD
BCLK=64fs
Data=24bit
TPA5052
SLOS500A – JUNE 2006 – REVISED AUGUST 2006
It is sometimes desirable to increase the delay time beyond the limit which one device provides. In such cases,
the TPA5052 device can be placed in a series to increase the delay. See Figure 4 for an example.
Figure 4. Two Devices in Series
The TPA5052 draws different amounts of supply current depending upon the conditions under which it is
operated. As VDD increases, so too does IDD. Likewise, as VDD decreases, IDD decreases. The same is true of
the sampling frequency, fs. An increase in fs causes an increase in IDD. Figure 5 illustrates the relationship
between operating condition and typical supply current.
SUPPLY CURRENT
vs
SAMPLE FREQUENCY
Figure 5. Typical Supply Current
7
Submit Documentation Feedback


Similar Part No. - TPA5052RSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA5050 TI-TPA5050 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050 Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050RSAR TI-TPA5050RSAR Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050RSAR TI-TPA5050RSAR Datasheet
859Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050RSAR TI-TPA5050RSAR Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
More results

Similar Description - TPA5052RSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA5050 TI-TPA5050_07 Datasheet
859Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_08 Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
logo
Renesas Technology Corp
R2S15901SP RENESAS-R2S15901SP Datasheet
200Kb / 8P
   Digital Delay IC for Lip Sync
logo
Texas Instruments
TPA5051 TI-TPA5051_07 Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5051 TI-TPA5051 Datasheet
511Kb / 19P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
logo
Nippon Precision Circui...
SM5921A NPC-SM5921A Datasheet
152Kb / 27P
   8-channel Lip Sync Delay
logo
Sanyo Semicon Device
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
   CMOS IC Lip-Sync Enabling Audio DSP
logo
New Japan Radio
NJU26901 NJRC-NJU26901 Datasheet
106Kb / 8P
   Digital Audio Delay
NJU26904 NJRC-NJU26904 Datasheet
208Kb / 18P
   Digital Audio Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com