Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3102F20-27PZF80 Datasheet(PDF) 8 Page - ITT Industries

Part # CA3102F20-27PZF80
Description  MIL-C-5015 Connectors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CA3102F20-27PZF80 Datasheet(HTML) 8 Page - ITT Industries

Back Button CA3102F20-27PZF80 Datasheet HTML 4Page - ITT Industries CA3102F20-27PZF80 Datasheet HTML 5Page - ITT Industries CA3102F20-27PZF80 Datasheet HTML 6Page - ITT Industries CA3102F20-27PZF80 Datasheet HTML 7Page - ITT Industries CA3102F20-27PZF80 Datasheet HTML 8Page - ITT Industries CA3102F20-27PZF80 Datasheet HTML 9Page - ITT Industries CA3102F20-27PZF80 Datasheet HTML 10Page - ITT Industries CA3102F20-27PZF80 Datasheet HTML 11Page - ITT Industries CA3102F20-27PZF80 Datasheet HTML 12Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
www.ittcannon.com
174
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-5015 Connectors
MS-E/F/R/ER
Contact Arrangements (Continued)
LEGEND
Resilient only
Resilient & Plastic
Shell Size
No. of Contacts
Service Rating
36-5
4 #0
A
36-6
4 #4(B,C,E,F)
2 #0(A,D)
A
36-14
6 #16(K-N,P,Q)
5 #12(B,D,F,H,J)
5 #8(A,C,E,G,I)
D
36A16
18 #12
(B,C,V,J,K,M,N,
R, T-Iron; A,D-F,H,L
P,S,U-Constantan)
A
36A46
27 #12
A
36-9
14 #16(A-G,Z-f)
14 #12(H-N,S-Y)
2 #8(O,R)
1 #4(P)
A
36A66
52 #16(A-c,h-AK)
4 #12(d,e,f,g)
A
36A34
52 #16
A
36-10
48 #16
A
36-8
46 #16(A-X,Z-z
1 #12(Y)
A
36-7
40 #16(A-Z,a-s)
7 #12(t-z)
A
36-15
35 #16
D(m), A (all others)
40A33
7 #8(G-N)
6 #4(A-F)
A
40-10
16 #16(A,B,E-H,M,N,P
Q,V-Y,b,c)
9 #8(C,D,I,L,O,R,U,Z,a)
4 #4(K,J,S,T)
A
40A27
60 #16
A
40-56
85 #16
A
48-5
90 #16(A-BL,BN-BT,BW,BX)
1 #8(CD)
9 #12(BM,BU,BV,BY-CC,CE)
A
44-1
36 #16(A-S,Z-t
6 #12(T-Y)
D
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
High Volume Layouts - readily
available from Cannon Distributors
Grommet not available. Consult
factory for ordering connectors
with this arrangment.
¢
¢
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
g
h
j
k
m
n
p
q
AA
AB
AC
AD
AE
AF
AG AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
BA
BB
BC
BD
BE
BF
BG
BH
BJ
BK
BL
BM
BM
BP
BQ
BR
BS
BU
BV
BW
BX
BT
BZ
BY
CC
CD
CA
CB
CE
AA
AB
AC
AD
AE AF AG AJ AK AL AM AN
AP
AR AS
AT
AU AV AW AX AY
AZ
BA BB BC BD BE BF BG
BJ BK BL
BN
BM
BP
BR
BS
BU BV
BT
r
s
t
u
v
w
x
y
z
A
1
24
23
22
21
20
19
18
17
16
15
14
35
50
59
60
54
42
41
53
52
51
36
40
39
38
37
25
43
55
58
49
34
13
2
26
44
56
57
48
33
12
3
4
28
27
45
46
47
32
11
29
30
31
10
5
6
7
8
98
A
A
B
B
B
C
C
C
D
D
D
E
E
E
F
F
F
G
G
H
H
H
J
J
J
I
K
K
K
L
L
L
M
M
M
N
N
O
N
P
P
R
R
S
S
T
T
U
U
V
V
W
W
X
X
Y
Y
Z
Z
a
a
b
b
c
c
d
d
e
f
f
g
g
h
i
h
j
j
k
k
m
m
n
n
o
p
p
q
r
r
s
s
t
t
u
v
w
x
y
z
A
A
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
F
F
F
G
G
G
G
G
G
G
G
G
H
H
H
H
H
H
H
H
H
H
J
J
J
J
J
J
J
J
J
J
I
I
I
I
I
K
K
K
K
K
K
K
K
K
K
L
L
L
L
L
L
L
L
L
L
M
M
M
M
M
M
M
M
M
M
N
N
N
N
N
N
N
N
N
N
O
O
O
O
P
P
P
P
P
P
P
P
P
Q
Q
Q
R
R
R
R
R
R
R
R
R
S
S
S
S
S
S
S
S
S
T
T
T
T
T
T
T
T
T
U
U
U
U
U
U
U
U
U
V
V
V
V
V
V
V
V
W
W
W
W
W
W
W
W
X
X
X
X
X
X
X
X
Y
Y
Y
Y
Y
Y
Y
Y
Z
Z
Z
Z
Z
Z
Z
Z
a
a
a
a
a
a
a
a
b
b
b
b
b
b
b
b
c
c
c
c
c
c
c
c
d
d
d
d
d
d
d
d
e
e
e
e
e
e
e
f
f
f
f
f
f
f
g
g
g
g
g
g
h
h
h
h
h
h
l
i
i
i
j
j
j
j
j
k
k
k
k
k
k
m
m
m
m
m
m
n
n
n
n
n
p
p
p
p
p
q
q
r
r
r
r
r
s
s
s
s
s
t
t
t
t
t
u
u
u
u
u
v
v
v
v
v
w
w
w
w
w
x
x
x
x
x
y
y
y
y
z
z
AA
AA
AB
AB
AK
AJ
AM
AD
AD
AE
AE
AF
AF
AG
AG
AC
AC
z
z
z


Similar Part No. - CA3102F20-27PZF80

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3102 INTERSIL-CA3102 Datasheet
115Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
November 1999
CA3102 INTERSIL-CA3102 Datasheet
271Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
logo
Renesas Technology Corp
CA3102 RENESAS-CA3102 Datasheet
568Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
logo
ITT Industries
CA3102A ITT-CA3102A Datasheet
4Mb / 34P
   ITT Cannon is the foremost manufac-turer of MS and MS type connectors with the widest range of connector styles
CA3102A10SL-8P ITT-CA3102A10SL-8P Datasheet
1Mb / 5P
   Circular Connectors
More results

Similar Description - CA3102F20-27PZF80

ManufacturerPart #DatasheetDescription
logo
ITT Industries
5015 ITT-5015 Datasheet
645Kb / 15P
   MIL-C-5015 Connectors
025-0458-000 ITT-025-0458-000 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Glenair, Inc.
M24758-9C11 GLENAIR-M24758-9C11 Datasheet
54Kb / 2P
   Adapter for MS3100 Series MIL-C-5015 Connectors
logo
ITT Industries
031-0560-121 ITT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0560-161 ITT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Dialight Corporation
031-0560-161 DIALIGHT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0554-161 DIALIGHT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 BULKHEAD RECEPTACLES
logo
Amphenol Corporation
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
logo
Dialight Corporation
031-0560-121 DIALIGHT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
ITT Industries
031-0554-161 ITT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com