Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STR-W6765 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part No. STR-W6765
Description  Quasi-Resonant Topology Primary Switching Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

STR-W6765 Datasheet(HTML) 3 Page - Allegro MicroSystems

 
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Quasi-Resonant Topology
Primary Switching Regulators
STR-W6765
3
Temperature, TF (°C)
0
20
40
60
80
100
0
25
50
75
100
125
150
Drain-to-Source Voltage, VDS (V)
11.2
1.0
10.0
0.1
100.0
10
100
1000
1
0.1
ms
Current
limit
due
to
R DS(on)
Refer to figure 1 for MOSFET SOA
temperature derating coefficient
Figure 1 – MOSFET Safe Operating Area
Derating Curve
Figure 2 – MOSFET Safe Operating Area
Drain Current versus Voltage
at TA = 25°C, Single Pulse
D
S/GND
OCP/BD
VCC
FB
Start
Stop
Burst
R
S
Q
Reg&
Iconst
OVP
DRIVE
Reg
Protection
latch
S
R Q
FB
OCP
BSD
BD
Bottom Selector
Counter
SS/OLP
OLP
Delay
S
R
Q
OSC
MaxON
Soft Start
Burst
Control
Burst
Control
4
+
-
+
-
+
-
+
-
1
3
6
7
5
Number
Name
Description
Functions
1
D
Drain
MOSFET drain
2
NC
Clipped
No connection
3
S/GND
Source/ground terminal
MOSFET source and ground
4
VCC
Power supply terminal
Input of power supply for control circuit
5
SS/OLP
Soft Start/Overload Protection terminal
Input to set delay for Overload Protection and Soft Start operation
6
FB
Feedback terminal
Input for Constant Voltage Control and Burst (intermittant)Mode
oscillation cotnrol signals
7
OCP/BD
Overcurrent Protection/Bottom Detection
Input for overcurrent detection and bottom detection signals
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn