Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STR-W6765 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part No. STR-W6765
Description  Quasi-Resonant Topology Primary Switching Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-W6765 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button STR-W6765 Datasheet HTML 7Page - Allegro MicroSystems STR-W6765 Datasheet HTML 8Page - Allegro MicroSystems STR-W6765 Datasheet HTML 9Page - Allegro MicroSystems STR-W6765 Datasheet HTML 10Page - Allegro MicroSystems STR-W6765 Datasheet HTML 11Page - Allegro MicroSystems STR-W6765 Datasheet HTML 12Page - Allegro MicroSystems STR-W6765 Datasheet HTML 13Page - Allegro MicroSystems STR-W6765 Datasheet HTML 14Page - Allegro MicroSystems STR-W6765 Datasheet HTML 15Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Quasi-Resonant Topology
Primary Switching Regulators
STR-W6765
13
PACKING SPECIFICATIONS
Minimum packing option: Tube FM-205 E
Shipping Tube Dimensions:
Wall thickness: 0.6±0.3 mm
Wall warp: <2 mm
Material: Hardened polyvinyl
Coating: antistatic
Tolerance ±0.4 mm,
unless otherwise specified
All dimensions: mm
Side marked
“ANTISTATIC”
(3.6)
9 × R0.6
5.1
2.85
14.3
1.4
4.8
+0.4
0
1.3
+0.3
–0.2
Shipping Carton Dimensions:
Capacity: 1800 pieces maximum per carton
36 tubes per carton
3 rows, 12 tubes per row
Spacer
Carton
(side
view)
Spacer
Tube
620
185
Tube
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn