Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA6107DWG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # PCA6107DWG4
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA6107DWG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCA6107DWG4 Datasheet HTML 5Page - Texas Instruments PCA6107DWG4 Datasheet HTML 6Page - Texas Instruments PCA6107DWG4 Datasheet HTML 7Page - Texas Instruments PCA6107DWG4 Datasheet HTML 8Page - Texas Instruments PCA6107DWG4 Datasheet HTML 9Page - Texas Instruments PCA6107DWG4 Datasheet HTML 10Page - Texas Instruments PCA6107DWG4 Datasheet HTML 11Page - Texas Instruments PCA6107DWG4 Datasheet HTML 12Page - Texas Instruments PCA6107DWG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
www.ti.com
Interrupt (INT) Output
Bus Transactions
Writes
SCL
Start Condition
Data 1 Valid
SDA
Write to Port
Data Out
From Port
R/W
ACK From Slave
ACK From Slave
ACK From Slave
1
9
8
7
6
5
4
3
2
Data 1
1
A2
0
0
S
1
1
A1 A0 0
A
0
0
0
0
0
0
0
A
A
P
tpv
Data to Port
Command Byte
Slave Address
Data
1/0
A2
0
0
S
1
1
A1 A0 0
A
0
0
0
0
0
0
0
A
A
P
SCL
SDA
Start Condition
R/W
ACK From Slave
ACK From Slave
ACK From Slave
1
9
8
7
6
5
4
3
2
Data to Register
Command Byte
Slave Address
PCA6107
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER
WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
SCPS139B – JANUARY 2006 – REVISED OCTOBER 2006
An interrupt is generated by any rising or falling edge of the port inputs in the input mode. After time, tiv, the
signal INT is valid. Resetting the interrupt circuit is achieved when data on the port is changed to the original
setting, data is read from the port that generated the interrupt or in a Stop event. Resetting occurs in the read
mode at the acknowledge (ACK) or not acknowledge (NACK) bit after the rising edge of the SCL signal. In a
Stop event, INT is cleared after the rising edge of SDA. Interrupts that occur during the ACK or NACK clock
pulse can be lost (or be very short) due to the resetting of the interrupt during this pulse. Each change of the
I/Os after resetting is detected and is transmitted as INT.
Reading from or writing to another device does not affect the interrupt circuit, and a pin configured as an output
cannot cause an interrupt. Changing an I/O from an output to an input may cause a false interrupt to occur, if the
state of the pin does not match the contents of the Input Port Register.
The INT output has an open-drain structure and requires pullup resistor to VCC.
Data is exchanged between the master and PCA6107 through write and read commands.
Data is transmitted to the PCA6107 by sending the device address and setting the least-significant bit to a logic
0 (see Figure 4 for device address). The command byte is sent after the address and determines which register
receives the data that follows the command byte. There is no limitation on the number of data bytes sent in one
write transmission.
Figure 6. Write to Output Port Register
<br/>
Figure 7. Write to Configuration or Polarity Inversion Registers
9
Submit Documentation Feedback


Similar Part No. - PCA6107DWG4

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PCA61HL320 ADAM-TECH-PCA61HL320 Datasheet
129Kb / 1P
   ZIF FLEX CIRCUIT CONNECTOR
PCA61HU320 ADAM-TECH-PCA61HU320 Datasheet
129Kb / 1P
   ZIF FLEX CIRCUIT CONNECTOR
PCA61V320 ADAM-TECH-PCA61V320 Datasheet
129Kb / 1P
   ZIF FLEX CIRCUIT CONNECTOR
More results

Similar Description - PCA6107DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9538 TI-PCA9538 Datasheet
479Kb / 29P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538_1 Datasheet
626Kb / 31P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A Datasheet
643Kb / 35P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534 TI-PCA9534 Datasheet
657Kb / 32P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9539 TI-PCA9539 Datasheet
777Kb / 34P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com