Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8161SH9AV2BE22 Datasheet(PDF) 1 Page - ITT Industries

Part # 8161SH9AV2BE22
Description  Alternate Action and Momentary Pushbutton Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8161SH9AV2BE22 Datasheet(HTML) 1 Page - ITT Industries

  8161SH9AV2BE22 Datasheet HTML 1Page - ITT Industries 8161SH9AV2BE22 Datasheet HTML 2Page - ITT Industries 8161SH9AV2BE22 Datasheet HTML 3Page - ITT Industries 8161SH9AV2BE22 Datasheet HTML 4Page - ITT Industries 8161SH9AV2BE22 Datasheet HTML 5Page - ITT Industries 8161SH9AV2BE22 Datasheet HTML 6Page - ITT Industries 8161SH9AV2BE22 Datasheet HTML 7Page - ITT Industries 8161SH9AV2BE22 Datasheet HTML 8Page - ITT Industries 8161SH9AV2BE22 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
A–50
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K 8060 Series
Alternate Action and Momentary Pushbutton Switches
Features/Benefits
Long travel
Available with LED
Long life contact design
Epoxy terminial seal
compatabile with bottom
wash cleaning
RoHS compliant models
available
Typical Applications
Instrumentation
Computers and peripherals
Telecommunications and
networking equipment
Specifications
CONTACT RATING: Q contact material: 6 AMPS @ 120 V AC
or 28 V DC; 3 AMPS @ 250 V AC. See page A-57 for
additional ratings.
ELECTRICAL LIFE: 50,000 make-and-break cycles at full load.
CONTACT RESISTANCE: Below 20 m
Ω typ. initial @
2-4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –30ºC to 65ºC
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
CAP INSTALLATION FORCE: 10 lbs. maximum permissible.
NOTE: Any models supplied with P, R, S, Q, B or G contact material are RoHS compliant.
For the latest information regarding RoHS compliance,
please go to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
CASE: Glass filled nylon 6/6 or diallyl phthalate (DAP),
flame retardant (UL 94V-0).
PLUNGER: S, S1, S2 Options: Glass filled nylon or glass filled
polyester (PBT) (UL 94V-0). L, L1 Options: Brass, nickel plated.
CAP & FRAME: Nylon, black standard.
BUSHING: Brass or zinc, nickel plated.
HOUSING: Stainless steel.
SWITCH SUPPORT: Brass or steel, matte-tin plated.
END CONTACTS: Q contact material: Coin silver, silver plated.
See page A-57 for additional contact materials.
CENTER CONTACT & ALL TERMINALS: Q contact material: Copper
alloy, silver plated. See page A-57 for additional contact materials.
TERMINAL SEAL: Epoxy. Refer to soldering and cleaning
in Technical Data Chapter.
HARDWARE: Nut & Locking Ring: Brass, nickel plated;
Lockwasher: Steel, nickel plated.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages A-51 thru A-59. For additional options not shown in catalog, consult Customer Service Center. All
models have epoxy terminal seal and are compatible with all “bottom-wash” PCB cleaning methods.
Switch Function
8161
SPDT On-On
8168
SPDT On-Mom.
8261
DPDT On-On
Actuator or Plunger
S
.710" high plunger
with .375" dia. cap
J80 Snap-in
J81 Snap-in with frame
J82 Snap-in with frame for LED
J86 Snap-in with frame & LED
L
.740" high plunger with
.395" dia. cap
L1
.740" high plunger with
.590" dia. cap
S1
.615" high plunger with
.200" dia. cap
S2
.710" high plunger with
.310" dia. cap
Bushing
H
.300" high, flat, hi torque
H9 .300" high, flat, hi torque
NONE No bushing choice required
Y3 7.6mm, keyway
Contact Material
B Gold
K Gold, tin-lead
P Gold, matte-tin
Q Silver
M Silver, tin-lead
S Silver, matte-tin
G Gold over silver
L Gold over silver, tin-lead
R Gold over silver,
matte-tin
Seal
E Epoxy
I
Epoxy potted base
Cap Color
2 Black
1 White
3 Red
4 Orange
5 Yellow
9 Gray
Frame Color
2 Black
LED Color
3 Red
NONE Models without LED
Models Available
Terminations
A
Right angle, PC thru-hole
AV2 Vertical right angle,
PC thru-hole
C
PC Thru-hole
Z
Solder lug
A3
Right angle, snap-in, PC thru-hole
AV3 Vertical right angle, snap-in,
PC thru-hole
V3
.460" high, V-bracket
V4
.630" high, V-bracket
V6
.460" high, V-bracket
V21 .555" high, snap-in V-bracket
V31 .460" high, snap-in V-bracket
W
.750" long, wire wrap
Z3
Quick connect
A


Similar Part No. - 8161SH9AV2BE22

ManufacturerPart #DatasheetDescription
logo
C&K Components
8161SHABE223 CK-COMPONENTS-8161SHABE223 Datasheet
726Kb / 10P
   Alternate Action and Momentary Pushbutton Switches
More results

Similar Description - 8161SH9AV2BE22

ManufacturerPart #DatasheetDescription
logo
C&K Components
8060 CK-COMPONENTS-8060 Datasheet
726Kb / 10P
   Alternate Action and Momentary Pushbutton Switches
8060 CK-COMPONENTS-8060_V01 Datasheet
1Mb / 10P
   Alternate Action and Momentary Pushbutton Switches
2018
PN11SBNA03QE CK-COMPONENTS-PN11SBNA03QE Datasheet
314Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
PN11 CK-COMPONENTS-PN11 Datasheet
306Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
PN CK-COMPONENTS-PN Datasheet
560Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
2022
logo
ITT Industries
PN11SBNA03QE ITT-PN11SBNA03QE Datasheet
430Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
logo
List of Unclassifed Man...
7199K102 ETC2-7199K102 Datasheet
169Kb / 1P
   General Purpose Alternate and Momentary Pushbutton Switches - Ac/Dc Rated
PS1-100Q ETC2-PS1-100Q Datasheet
720Kb / 11P
   Sensitive Snap-Action Pushbutton Switches ??Solder and P.C. Terminals (Momentary Action)
PB-12331ZQ ETC2-PB-12331ZQ Datasheet
200Kb / 4P
   Standard Ordering Table . Pushbutton Switches . Panelmount Maintained and Momentary Action (SPDT)
PB-12333ZG ETC2-PB-12333ZG Datasheet
201Kb / 3P
   Standard Ordering Table ??Pushbutton Switches ??Panelmount Maintained and Momentary Action (SPDT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com