Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT7461AARMZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADT7461AARMZ
Description  짹1째C Temperature Monitor with Series Resistance Cancellation
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7461AARMZ Datasheet(HTML) 4 Page - Analog Devices

  ADT7461AARMZ Datasheet HTML 1Page - Analog Devices ADT7461AARMZ Datasheet HTML 2Page - Analog Devices ADT7461AARMZ Datasheet HTML 3Page - Analog Devices ADT7461AARMZ Datasheet HTML 4Page - Analog Devices ADT7461AARMZ Datasheet HTML 5Page - Analog Devices ADT7461AARMZ Datasheet HTML 6Page - Analog Devices ADT7461AARMZ Datasheet HTML 7Page - Analog Devices ADT7461AARMZ Datasheet HTML 8Page - Analog Devices ADT7461AARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADT7461A
Rev. A | Page 4 of 24
SPECIFICATIONS
TA = −40°C to +125°C, VDD = 3 V to 3.6 V, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions
POWER SUPPLY
Supply Voltage, VDD
3.0
3.30
3.6
V
Average Operating Supply Current, IDD
240
350
μA
0.0625 conversions/sec rate1
5
30
μA
Standby mode
Undervoltage Lockout Threshold
2.55
V
VDD input, disables ADC, rising edge
Power-On-Reset Threshold
1
2.5
V
TEMPERATURE-TO-DIGITAL CONVERTER
Local Sensor Accuracy
±1
°C
0°C ≤ TA ≤ +70°C
±1.5
°C
0°C ≤ TA ≤ +85°C
±2.5
°C
−40°C ≤ TA ≤ +100°C
Resolution
1
°C
Remote Diode Sensor Accuracy
±1
°C
0°C ≤ TA ≤ +70°C, −55°C ≤ TD2 ≤ +150°C
±1.5
°C
0°C ≤ TA ≤ +85°C, −55°C ≤ TD2 ≤ +150°C
±2.5
°C
−40°C ≤ TA ≤ +100°C, −55°C ≤ TD2 ≤ +150°C
Resolution
0.25
°C
Remote Sensor Source Current
220
μA
High level3
82
μA
Middle level3
13.5
μA
Low level3
Conversion Time
40
52
ms
From stop bit to conversion complete, one-shot mode with
averaging switched on
6
8
ms
One-shot mode with averaging off
(that is, conversion rate = 16-, 32-, or 64-conversions per
second)
Maximum Series Resistance Cancelled
1. 5
Resistance split evenly on both the D+ and D– inputs
OPEN-DRAIN DIGITAL OUTPUTS
(THERM, ALERT/THERM2)
Output Low Voltage, VOL
0.4
V
IOUT = −6.0 mA
High Level Output Leakage Current, IOH
0.1
1
μA
VOUT = VDD
SMBus INTERFACE3, 4
Logic Input High Voltage, VIH
2.1
V
3 V ≤ VDD ≤ 3.6 V
SCLK, SDATA
Logic Input Low Voltage, VIL
0.8
V
3 V ≤ VDD ≤ 3.6 V
SCLK, SDATA
Hysteresis
500
mV
SDA Output Low Voltage, VOL
0.4
V
IOUT = −6.0 mA
Logic Input Current, IIH, IIL
−1
+1
μA
SMBus Input Capacitance, SCLK, SDATA
5
pF
SMBus Clock Frequency
400
kHz
SMBus Timeout5
25
64
ms
User programmable
SCLK Falling Edge to SDATA Valid Time
1
μs
Master clocking in data
1 See Table 10 for information on other conversion rates.
2 Guaranteed by characterization, but not production tested.
3 Guaranteed by design, but not production tested.
4 See SMBus Timing Specifications section for more information.
5 Disabled by default. Detailed procedures to enable it are in the Serial Bus Interface section of this data sheet.


Similar Part No. - ADT7461AARMZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7461AARMZ ONSEMI-ADT7461AARMZ Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461AARMZ-002 ONSEMI-ADT7461AARMZ-002 Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461AARMZ-2RL ONSEMI-ADT7461AARMZ-2RL Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461AARMZ-2RL ONSEMI-ADT7461AARMZ-2RL Datasheet
300Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
April, 2013 ??Rev. 8
ADT7461AARMZ-R ONSEMI-ADT7461AARMZ-R Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
More results

Similar Description - ADT7461AARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7461 AD-ADT7461 Datasheet
854Kb / 24P
   짹1째C Temperature Monitor with Series Resistance Cancellation
REV. 0
logo
ON Semiconductor
NCT72CMTR2G ONSEMI-NCT72CMTR2G Datasheet
331Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NCT72 ONSEMI-NCT72_17 Datasheet
255Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
June, 2017 ??Rev. 5
NCT214MT3R2G ONSEMI-NCT214MT3R2G Datasheet
322Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
July, 2012 ??Rev. 1
ADT7461 ONSEMI-ADT7461_14 Datasheet
274Kb / 20P
   Temperature Monitor with Series Resistance Cancellation
March, 2014 ??Rev. 8
ADT7461A ONSEMI-ADT7461A_13 Datasheet
300Kb / 19P
   Temperature Monitor with Series Resistance Cancellation
April, 2013 ??Rev. 8
ADT7461A ONSEMI-ADT7461A Datasheet
282Kb / 19P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
ADT7461 ONSEMI-ADT7461 Datasheet
291Kb / 20P
   짹1??Temperature Monitor with Series Resistance Cancellation
December, 2009 ??Rev. 6
NCT72 ONSEMI-NCT72 Datasheet
328Kb / 21P
   1C Temperature Monitor with Series Resistance Cancellation
August, 2012 ??Rev. 4
NVT211 ONSEMI-NVT211 Datasheet
287Kb / 19P
   1C Temperature Monitor with Series Resistance Cancellation
December, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com